Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1770Y-20 Datasheet(PDF) 1 Page - Union Semiconductor, Inc.

Part # UM1770Y-20
Description  500mA, Micropower, VLDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1770Y-20 Datasheet(HTML) 1 Page - Union Semiconductor, Inc.

  UM1770Y-20 Datasheet HTML 1Page - Union Semiconductor, Inc. UM1770Y-20 Datasheet HTML 2Page - Union Semiconductor, Inc. UM1770Y-20 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1770Y-20 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1770Y-20 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1770Y-20 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1770Y-20 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1770Y-20 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1770Y-20 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Jan.2015
1/13
UM1770
500mA, Micropower, VLDO Linear Regulator
UM1770Y-xx SOT89-5
UM1770DA-xx DFN6 2.0×2.0
General Description
The UM1770 series are VLDO (very low dropout) linear regulators designed for low power
portable applications. Typical output noise is only 90μVRMS (Fixed Output, VOUT=1.0V) and
maximum dropout is just 320mV at the load current of 500mA.The internal P-channel MOSFET
pass transistor requires no base current, allowing the device to draw only 250μA during normal
operation at the maximum load current of 500mA.
Other features include high output voltage accuracy, excellent transient response, under voltage
lockout, stability with ultra low ESR ceramic capacitors as small as 1μF, short-circuit and thermal
overload protection and output current limiting.
The UM1770Y-xx series are available in SOT89-5 package and the UM1770DA-xx series are
available in a low profile DFN6 2.0×2.0 package.
Applications
Features
Bluetooth/802.11 Cards
PDAs and Notebook Computers
Portable Instruments and
Battery-Powered Systems
Cellular Phones
Very Low Dropout: 320mV(max) at 500mA
Maximum Input Voltage: 6.0V
Low Noise (10Hz to 100kHz):
90μVRMS (Fixed Output, VOUT=1.0V);
60μVRMS (Adjustable Output, VOUT=1.0V);
194μVRMS (Adjustable Output, VOUT=3.3V);
305μVRMS (Adjustable Output, VOUT=5.0V)
±2% Voltage Accuracy at 500mA
Fast Transient Response
Under Voltage Lockout
Fixed Output Voltage of UM1770Y/DA-xx:
1.0V to 4.0V with 0.1V Interval
Adjustable Output Voltage of
UM1770Y/DA-00:
1.0V to 5.0V
Output Current Limit
Stable with 1μF Output Capacitor
Short-Circuit and Thermal Overload
Protection
Low Profile SOT89-5 and DFN6 2.0×2.0
Packages


Similar Part No. - UM1770Y-20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1770 STMICROELECTRONICS-UM1770 Datasheet
629Kb / 56P
   BlueNRG profile application interface
More results

Similar Description - UM1770Y-20

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM17735 UNIONSEMI-UM17735 Datasheet
219Kb / 7P
   500mA, Micropower, VLDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE533J ACE-ACE533J Datasheet
853Kb / 11P
   500mA, Micropower, VLDO Linear Regulator
VER 1.2
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-1 LINER-LTC3025-1_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com