Electronic Components Datasheet Search |
|
NCP1117DT50 Datasheet(PDF) 3 Page - ON Semiconductor |
|
NCP1117DT50 Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 16 page NCP1117, NCV1117 http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (Cin = 10 mF, Cout = 10 mF, for typical value TA = 25°C, for min and max values TA is the operating ambient temperature range that applies unless otherwise noted. (Note 6) Characteristic Symbol Min Typ Max Unit Reference Voltage, Adjustable Output Devices (Vin–Vout = 2.0 V, Iout = 10 mA, TA = 25°C) (Vin–Vout = 1.4 V to 10 V, Iout = 10 mA to 800 mA) (Note 6) Vref 1.238 1.225 1.25 − 1.262 1.270 V Output Voltage, Fixed Output Devices 1.5 V (Vin = 3.5 V, Iout = 10 mA, TA = 25 °C) (Vin = 2.9 V to 11.5 V, Iout = 0 mA to 800 mA) (Note 6) 1.8 V (Vin = 3.8 V, Iout = 10 mA, TA = 25 °C) (Vin = 3.2 V to 11.8 V, Iout = 0 mA to 800 mA) (Note 6) 2.0 V (Vin = 4.0 V, Iout = 10 mA, TA = 25 °C) (Vin = 3.4 V to 12 V, Iout = 0 mA to 800 mA) (Note 6) 2.5 V (Vin = 4.5 V, Iout = 10 mA, TA = 25 °C) (Vin = 3.9 V to 10 V, Iout = 0 mA to 800 mA,) (Note 6) 2.85 V (Vin = 4.85 V, Iout = 10 mA, TA = 25 °C) (Vin = 4.25 V to 10 V, Iout = 0 mA to 800 mA) (Note 6) (Vin = 4.0 V, Iout = 0 mA to 500 mA) (Note 6) 3.3 V (Vin = 5.3 V, Iout = 10 mA, TA = 25 °C) (Vin = 4.75 V to 10 V, Iout = 0 mA to 800 mA) (Note 6) 5.0 V (Vin = 7.0 V, Iout = 10 mA, TA = 25 °C) (Vin = 6.5 V to 12 V, Iout = 0 mA to 800 mA) (Note 6) 12 V (Vin = 14 V, Iout = 10 mA, TA = 25 °C) (Vin = 13.5 V to 20 V, Iout = 0 mA to 800 mA) (Note 6) Vout 1.485 1.470 1.782 1.755 1.970 1.960 2.475 2.450 2.821 2.790 2.790 3.267 3.235 4.950 4.900 11.880 11.760 1.500 − 1.800 − 2.000 − 2.500 − 2.850 − − 3.300 − 5.000 − 12.000 − 1.515 1.530 1.818 1.845 2.030 2.040 2.525 2.550 2.879 2.910 2.910 3.333 3.365 5.050 5.100 12.120 12.240 V Line Regulation (Note 4) Adjustable (Vin = 2.75 V to 16.25 V, Iout = 10 mA) Regline − 0.04 0.1 % 1.5 V (Vin = 2.9 V to 11.5 V, Iout = 0 mA) 1.8 V (Vin = 3.2 V to 11.8 V, Iout = 0 mA) 2.0 V (Vin = 3.4 V to 12 V, Iout = 0 mA) 2.5 V (Vin = 3.9 V to 10 V, Iout = 0 mA) 2.85 V (Vin = 4.25 V to 10 V, Iout = 0 mA) 3.3 V (Vin = 4.75 V to 15 V, Iout = 0 mA) 5.0 V (Vin = 6.5 V to 15 V, Iout = 0 mA) 12 V (Vin = 13.5 V to 20 V, Iout = 0 mA) − − − − − − − − 0.3 0.4 0.5 0.5 0.8 0.8 0.9 1.0 1.0 1.0 2.5 2.5 3.0 4.5 6.0 7.5 mV Load Regulation (Note 4) Adjustable (Iout = 10 mA to 800 mA, Vin = 4.25 V) Regline − 0.2 0.4 % 1.5 V (Iout = 0 mA to 800 mA, Vin = 2.9 V) 1.8 V (Iout = 0 mA to 800 mA, Vin = 3.2 V) 2.0 V (Iout = 0 mA to 800 mA, Vin = 3.4 V) 2.5 V (Iout = 0 mA to 800 mA, Vin = 3.9 V) 2.85 V (Iout = 0 mA to 800 mA, Vin = 4.25 V) 3.3 V (Iout = 0 mA to 800 mA, Vin = 4.75 V) 5.0 V (Iout = 0 mA to 800 mA, Vin = 6.5 V) 12 V (Iout = 0 mA to 800 mA, Vin = 13.5 V) − − − − − − − − 2.3 2.6 3.0 3.3 3.8 4.3 6.7 16 5.5 6.0 6.0 7.5 8.0 10 15 28 mV Dropout Voltage (Measured at Vout − 100 mV) (Iout = 100 mA) (Iout = 500 mA) (Iout = 800 mA) Vin−Vout − − − 0.95 1.01 1.07 1.10 1.15 1.20 V Output Current Limit (Vin−Vout = 5.0 V, TA = 25°C, Note 5) Iout 1000 1500 2200 mA 4. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 5. The regulator output current must not exceed 1.0 A with Vin greater than 12 V. 6. NCP1117: Tlow = 0°C , Thigh = 125°C NCV1117: Tlow = −40°C, Thigh = 125°C |
Similar Part No. - NCP1117DT50 |
|
Similar Description - NCP1117DT50 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |