Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1770Y-38 Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM1770Y-38
Description  500mA, Micropower, VLDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1770Y-38 Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM1770Y-38 Datasheet HTML 1Page - Union Semiconductor, Inc. UM1770Y-38 Datasheet HTML 2Page - Union Semiconductor, Inc. UM1770Y-38 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1770Y-38 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1770Y-38 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1770Y-38 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1770Y-38 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1770Y-38 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1770Y-38 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Jan.2015
4/13
UM1770
Ordering Information (Continued)
Part Number
Output Voltage
Packaging Type
Marking Code
Shipping Qty
UM1770DA-00
ADJ
DFN6 2.0×2.0
AFJ
3000pcs/7Inch
Tape & Reel
UM1770DA-10
1.0V
AAS
UM1770DA-11
1.1V
AAT
UM1770DA-12
1.2V
AAC
UM1770DA-13
1.3V
AAD
UM1770DA-14
1.4V
AAU
UM1770DA-15
1.5V
AAJ
UM1770DA-16
1.6V
AFE
UM1770DA-17
1.7V
AFF
UM1770DA-18
1.8V
AAK
UM1770DA-19
1.9V
AFG
UM1770DA-20
2.0V
AFH
UM1770DA-21
2.1V
AFK
UM1770DA-22
2.2V
AFL
UM1770DA-23
2.3V
AFN
UM1770DA-24
2.4V
AFP
UM1770DA-25
2.5V
AAN
UM1770DA-26
2.6V
AFQ
UM1770DA-27
2.7V
AFR
UM1770DA-28
2.8V
AAQ
UM1770DA-29
2.9V
AFS
UM1770DA-30
3.0V
AAR
UM1770DA-31
3.1V
AFT
UM1770DA-32
3.2V
AFU
UM1770DA-33
3.3V
AAV
UM1770DA-34
3.4V
AFV
UM1770DA-35
3.5V
AAZ
UM1770DA-36
3.6V
AFZ
UM1770DA-37
3.7V
AGL
UM1770DA-38
3.8V
AGN
UM1770DA-39
3.9V
AGP
UM1770DA-40
4.0V
AGQ


Similar Part No. - UM1770Y-38

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1770 STMICROELECTRONICS-UM1770 Datasheet
629Kb / 56P
   BlueNRG profile application interface
More results

Similar Description - UM1770Y-38

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM17735 UNIONSEMI-UM17735 Datasheet
219Kb / 7P
   500mA, Micropower, VLDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE533J ACE-ACE533J Datasheet
853Kb / 11P
   500mA, Micropower, VLDO Linear Regulator
VER 1.2
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-1 LINER-LTC3025-1_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com