Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD166024T1K-E1-AY Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPD166024T1K-E1-AY
Description  INTELLIGENT POWER DEVICE
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166024T1K-E1-AY Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPD166024T1K-E1-AY Datasheet HTML 1Page - Renesas Technology Corp UPD166024T1K-E1-AY Datasheet HTML 2Page - Renesas Technology Corp UPD166024T1K-E1-AY Datasheet HTML 3Page - Renesas Technology Corp UPD166024T1K-E1-AY Datasheet HTML 4Page - Renesas Technology Corp UPD166024T1K-E1-AY Datasheet HTML 5Page - Renesas Technology Corp UPD166024T1K-E1-AY Datasheet HTML 6Page - Renesas Technology Corp UPD166024T1K-E1-AY Datasheet HTML 7Page - Renesas Technology Corp UPD166024T1K-E1-AY Datasheet HTML 8Page - Renesas Technology Corp UPD166024T1K-E1-AY Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
µ
PD166024T1K Datasheet
3. Specification
R07DS1111EJ0200 Rev.2.00
Page 4 of 39
May 22, 2015
3.2 Pin Configuration
3.2.1 24-pin Power HSSOP Pin Configuration
Pin No.
Terminal Name
1
GND1
2
N.C.
3
IS1
4
N.C.
5
IN1
6
N.C.
7
GND2
8
N.C.
9
IS2
10
N.C.
11
IN2
12
VCC
13
SEN2
14
OUT2
15
OUT2
16
OUT2
17
OUT2
18
N.C.
19
SEN1
20
OUT1
21
OUT1
22
OUT1
23
OUT1
24
VCC
Tab
VCC
Pin function for dual channel
Terminal Name
Pin function
Recommended connection
GNDn
Ground connection channel n (n=1 to 2)
Connected to GND through a 100 Ohm resistor
or a diode for reverse current protection
Refer chapter 6.
INn
Input signal for channel n (n=1 to 2)
Connected to MCU port through 2k-50K serial
resistor
ISn
Current sense and Diagnosis output signal
channel n (n=1 to 2)
Connected to GND through a 0.67K-5K resistor
SENn
Sense enable input for channel n (n=1 to 2)
Connected to MCU port through 2k-50K serial
resistor
OUTn
Protected high-side power output channel n (n=1
to 2)
Connected to load with small 50-100nf capacitor
in parallel
VCC
Positive power supply for logic supply as well as
output power supply
Connected to battery voltage with small 100nf
capacitor in parallel
N.C.
Non connection
Left open
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
Tab
Tab


Similar Part No. - UPD166024T1K-E1-AY

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16602 NEC-UPD16602 Datasheet
134Kb / 16P
   312-OUTPUT TFT-LCD FULL COLOR DRIVER
logo
Renesas Technology Corp
UPD16602 RENESAS-UPD16602 Datasheet
231Kb / 18P
   MOS INTEGRATED CIRCUIT
1998
UPD166020T1F RENESAS-UPD166020T1F Datasheet
383Kb / 25P
   MOS INTEGRATED CIRCUIT
UPD166020T1F-E1-AY RENESAS-UPD166020T1F-E1-AY Datasheet
383Kb / 25P
   MOS INTEGRATED CIRCUIT
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
More results

Similar Description - UPD166024T1K-E1-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD166034T1U RENESAS-UPD166034T1U Datasheet
804Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900014H12HPD RENESAS-RAA2900014H12HPD Datasheet
592Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
   INTELLIGENT POWER DEVICE
UPD166035GR RENESAS-UPD166035GR Datasheet
534Kb / 17P
   INTELLIGENT POWER DEVICE
RAA2900034H12HPD RENESAS-RAA2900034H12HPD Datasheet
572Kb / 19P
   INTELLIGENT POWER DEVICE
Feb. 28, 2020
UPD166030T1K RENESAS-UPD166030T1K Datasheet
838Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166028T1K RENESAS-UPD166028T1K Datasheet
841Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166025T1J RENESAS-UPD166025T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900024H12HPD RENESAS-RAA2900024H12HPD Datasheet
486Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166023T1J RENESAS-UPD166023T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
UPD166032T1U RENESAS-UPD166032T1U Datasheet
789Kb / 41P
   INTELLIGENT POWER DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com