Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1770DA-11 Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM1770DA-11
Description  500mA, Micropower, VLDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1770DA-11 Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM1770DA-11 Datasheet HTML 2Page - Union Semiconductor, Inc. UM1770DA-11 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1770DA-11 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1770DA-11 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1770DA-11 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1770DA-11 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1770DA-11 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1770DA-11 Datasheet HTML 9Page - Union Semiconductor, Inc. UM1770DA-11 Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Jan.2015
6/13
UM1770
Electrical Characteristics
Over recommended operating free-air temperature range (unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage Range
2.5
6.0
V
VUVLO
Input Under Voltage
Lockout
VIN falling
1.8
2.4
V
IQ
Operating Quiescent
Current
VIN=4.2V, IOUT=0mA
92
140
μA
VIN=4.2V, IOUT=500mA
250
300
I
SHDN
___________
Shutdown Leakage
Current
1
μA
IOUT
Output Current
500
mA
Output Voltage
Accuracy
1mA≤I
OUT≤500mA, TA=-25℃
-2
+2
%
ΔV
DO
Dropout Voltage
IOUT=500mA,2.5V≤VOUT
220
320
mV
ILIMT
Output Current Limit
VIN≥2.5V
700
mA
t
Startup Time
Response
RL=68Ω, COUT=1μF
40
μs
VIL
SHDN
___________
Input Low
Voltage
2.5V≤VIN≤6.0V
0.4
V
VIH
SHDN
___________
Input High
Voltage
2.5V≤VIN≤6.0V
2.0
V
SHDN
___________
Input Current
SHDN
___________
=VIN or GND
-1
+1
μA
TSHDN
Thermal-Shutdown
Temperature
160
ΔT
SHDN
Thermal-Shutdown
Hysteresis
25
Line Regulation
VOUT+1V≤VIN≤6.0V
(2.5V≤VIN)
IOUT=10mA
0.09
%/V
Load Regulation
VIN=VOUT+1V
(2.5V≤VIN)
1mA≤I
OUT≤500mA
0.2
%
Output Voltage Noise
10Hz to
100kHz,
CIN=1.0μF,
IOUT=100mA
Fixed Output,
VOUT=1.0V
90
μV
RMS
Adjustable
Output,
VOUT=1.0V
60
Adjustable
Output,
VOUT=3.3V
194
Adjustable
Output,
VOUT=5.0V
305
PSRR
Power Supply Ripple
Rejection
VIN=VOUT+1V
IOUT=10mA
f=100Hz
65
dB
f=1kHz
60
f=10kHz
45


Similar Part No. - UM1770DA-11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1770 STMICROELECTRONICS-UM1770 Datasheet
629Kb / 56P
   BlueNRG profile application interface
More results

Similar Description - UM1770DA-11

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM17735 UNIONSEMI-UM17735 Datasheet
219Kb / 7P
   500mA, Micropower, VLDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE533J ACE-ACE533J Datasheet
853Kb / 11P
   500mA, Micropower, VLDO Linear Regulator
VER 1.2
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-1 LINER-LTC3025-1_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com