Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1770DA-34 Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # UM1770DA-34
Description  500mA, Micropower, VLDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1770DA-34 Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

Back Button UM1770DA-34 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1770DA-34 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1770DA-34 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1770DA-34 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1770DA-34 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1770DA-34 Datasheet HTML 9Page - Union Semiconductor, Inc. UM1770DA-34 Datasheet HTML 10Page - Union Semiconductor, Inc. UM1770DA-34 Datasheet HTML 11Page - Union Semiconductor, Inc. UM1770DA-34 Datasheet HTML 12Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Jan.2015
8/13
UM1770
Typical Characteristics (shown for 1.1V output option) (Continued)
(CIN=1.0μF, COUT = 1.0μF, TA = 25℃, unless otherwise specified.)
VIN=3.3V, Io=100mA
100μV/div
Noise=9
2μVrms
10ms/div
Noise
PSRR vs Frequency
Io=10mA
Dropout Voltage vs Output Current
UM1770DA-00,
Vout=1.0V, Io=100mA
2
00μV/div
Noise=60µVrms
10ms/div
Noise
UM1770DA-00,
Vout=3.3V, Io=100mA
5
00μV/div
Noise=194µVrms
5ms/div
Noise
UM1770DA-00,
Vout=5.0V, Io=100mA
5
00μV/div
Noise=305µVrms
5ms/div
Noise
Vout
≥2.5V


Similar Part No. - UM1770DA-34

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1770 STMICROELECTRONICS-UM1770 Datasheet
629Kb / 56P
   BlueNRG profile application interface
More results

Similar Description - UM1770DA-34

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM17735 UNIONSEMI-UM17735 Datasheet
219Kb / 7P
   500mA, Micropower, VLDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE533J ACE-ACE533J Datasheet
853Kb / 11P
   500mA, Micropower, VLDO Linear Regulator
VER 1.2
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-1 LINER-LTC3025-1_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com