Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT3807CQE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI49FCT3807CQE
Description  3.3V Fast CMOS Clock Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3807CQE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI49FCT3807CQE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3807CQE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3807CQE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3807CQE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3807CQE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3807CQE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3807CQE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PI49FCT3807
3.3V Fast CMOS Clock Driver
3
PS7010D
09/08/04
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
ICC
Quiescent Power
Supply Current
VCC = Max.
VIN = GND or VCC
3
30
µA
∆ICC
Supply Current per
Inputs @ TTL
HIGH
VCC = Max.
VIN = VCC 0.6V(3)
2.0
300
ICCD
Supply Current per
Input per MHz(4)
VCC = Max.,
Outputs Open
Per Output Toggling
50% Duty Cycle
VIN = VCC, VIN = GND
mA/
MHz
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2.
Typical values are at VCC = 3.3V, +25°C ambient.
3.
Per TTL driven input (VIN = VCC – 0.6V); all other inputs at VCC or GND.
4.
This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5.
Values for these conditions are examples of the IC formula. These limits are guaranteed but not tested.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(1)
Description
Test Conditions
Typ
Max.
Units
CIN
Input Capacitance
VIN = 0V
4.5
6.0
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8.0
Notes:
1.
This parameter is determined by device characterization but is not production tested.
Switching Characteristics over Operating Range
Symbol
Description
Test Condi-
tions
3807
3807A
3807B
3807C
Units
Com.
Com.
Com.
Com.
Min. Max. Min. Max. Min. Max. Min. Max.
tPLH
tPHL
Propagation Delay A to BN
CL = 50pF
RL = 500Ω
1.5
4.5
1.5
4.0
1.5
3.8
1.5
3.5
ns
tSK(o)
Skew between two outputs
of same package(3)
0.5
0.5
0.35
0.35
tSK(P)
Skew between opposite
transitions of the same out-
put (tPHL - tPHL)(3)
0.5
0.5
0.35
0.35
tSK(t)
Skew between outputs of
different packages at the
same power supply, temp.
and speed grade(3)
1.0
1.0
0.75
0.75
Notes:
1.
See test circuits and waveforms
2.
Minimum limits are guaranteed but not tested on Propagation Delays.
3.
These parameters are guaranteed by design.


Similar Part No. - PI49FCT3807CQE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3807CQE PERICOM-PI49FCT3807CQE Datasheet
788Kb / 9P
   3.3V Fast CMOS Clock Driver
PI49FCT3807CQEX PERICOM-PI49FCT3807CQEX Datasheet
527Kb / 8P
   3.3V Fast CMOS Clock Driver
More results

Similar Description - PI49FCT3807CQE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3807DQEX PERICOM-PI49FCT3807DQEX Datasheet
788Kb / 9P
   3.3V Fast CMOS Clock Driver
PI49FCT3807 PERICOM-PI49FCT3807_09 Datasheet
527Kb / 8P
   3.3V Fast CMOS Clock Driver
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805 Datasheet
431Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805_10 Datasheet
514Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
   3.3V CMOS Buffer Clock Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com