Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBLB1630CT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SBLB1630CT
Description  Dual Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBLB1630CT Datasheet(HTML) 2 Page - Vishay Siliconix

  SBLB1630CT Datasheet HTML 1Page - Vishay Siliconix SBLB1630CT Datasheet HTML 2Page - Vishay Siliconix SBLB1630CT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBL16xxCT, SBLF16xxCT & SBLB16xxCTSeries
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88727
2
11-Feb-02
Maximum Ratings (TC = 25°C unless otherwise noted)
Parameter
Symbol
SBL1630CT
SBL1640CT
Unit
Maximum repetitive peak reverse voltage
VRRM
30
40
V
Working peak reverse voltage
VRWM
21
28
V
Maximum DC blocking voltage
VDC
30
40
V
Maximum average forward rectified current
Total device
16
at TC = 95°C
Per leg
IF(AV)
8.0
A
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
250
A
on rated load (JEDEC Method) per leg
Operating junction and storage temperature range
TJ, TSTG
–40 to +125
°C
RMS Isolation voltage (SBLF type only) from terminals
4500 (NOTE 1)
to heatsink with t = 1.0 second, RH
≤ 30%
VISOL
3500 (NOTE 2)
V
1500 (NOTE 3)
Electrical Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Maximum instantaneous forward voltage per leg
at 8.0 A (Note 4)
VF
0.55
V
Maximum instantaneous reverse current
TC = 25°C
0.5
at rated DC blocking voltage per leg (Note 4) TC = 100°C
IR
50
mA
Thermal Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
MBR
MBRF
MBRB
Unit
Typical thermal resistance from junction to case per leg
R
ΘJC
2.0
4.0
2.0
°C/W
Notes:
(1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset
(2) Clip mounting (on case), where leads do overlap heatsink
(3) Screw mounting with 4-40 screw, where washer diameter is
≤ 4.9 mm (0.19”)
(4) Pulse test: 300
µs pulse width, 1% duty cycle


Similar Part No. - SBLB1630CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SBLB1630CT GE-SBLB1630CT Datasheet
95Kb / 2P
   SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SBLB1630CT GOOD-ARK-SBLB1630CT Datasheet
243Kb / 3P
   Dual Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SBLB1630CT DSK-SBLB1630CT Datasheet
263Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Thinki Semiconductor Co...
SBLB1630CT THINKISEMI-SBLB1630CT Datasheet
345Kb / 2P
   16.0 Ampere Surface Mount Common Cathode Schottky Barrier Rectifier Diodes
logo
Vishay Siliconix
SBLB1630CT-E3 VISHAY-SBLB1630CT-E3 Datasheet
144Kb / 6P
   Dual Common Cathode Schottky Rectifier
Revision: 12-Jun-13
More results

Similar Description - SBLB1630CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR1535CT VISHAY-MBR1535CT Datasheet
55Kb / 3P
   Dual Schottky Barrier Rectifier
01-Jul-02
MBR20HXX VISHAY-MBR20HXX Datasheet
85Kb / 3P
   Dual Schottky Barrier Rectifier
4-Feb-03
MBR40H60PT VISHAY-MBR40H60PT Datasheet
34Kb / 3P
   Dual Schottky Barrier Rectifier
4-Feb-03
logo
Won-Top Electronics
S16D30C WTE-S16D30C Datasheet
81Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
SB1620FCT WTE-SB1620FCT_06 Datasheet
49Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
SB1020CT WTE-SB1020CT_06 Datasheet
50Kb / 4P
   10A DUAL SCHOTTKY BARRIER RECTIFIER
SB2520CT WTE-SB2520CT_06 Datasheet
51Kb / 4P
   25A DUAL SCHOTTKY BARRIER RECTIFIER
S20D30C WTE-S20D30C Datasheet
48Kb / 4P
   20A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SB2020CT LUGUANG-SB2020CT Datasheet
163Kb / 2P
   20A Dual Schottky Barrier Rectifier
logo
NTE Electronics
NTE6093 NTE-NTE6093 Datasheet
18Kb / 2P
   Silicon Rectifier Dual, Schottky Barrier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com