Electronic Components Datasheet Search |
|
C4540H393BFGAGTU Datasheet(PDF) 11 Page - Kemet Corporation |
|
C4540H393BFGAGTU Datasheet(HTML) 11 Page - Kemet Corporation |
11 / 26 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1069_C0G_HV_HT_200C • 3/24/2016 11 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) HV-HT Series, High Voltage, High Temperature 200°C, C0G Dielectric, 500 – 2,000 VDC (Industrial Grade) Table 2A – Chip Thickness/Tape & Reel Packaging Quantities Thickness Code Case Size Thickness ± Range (mm) Paper Quantity Plastic Quantity 7" Reel 13" Reel 7" Reel 13" Reel DG 0805 1.25 ± 0.15 0 0 2,500 10,000 ED 1206 1.00 ± 0.10 0 0 2,500 10,000 EF 1206 1.20 ± 0.15 0 0 2,500 10,000 EG 1206 1.60 ± 0.15 0 0 2,000 8,000 FG 1210 1.25 ± 0.15 0 0 2,500 10,000 FL 1210 1.40 ± 0.15 0 0 2,000 8,000 FM 1210 1.70 ± 0.20 0 0 2,000 8,000 FY 1210 2.00 ± 0.20 0 0 2,000 8,000 FK 1210 2.10 ± 0.20 0 0 2,000 8,000 FS 1210 2.50 ± 0.30 0 0 1,000 4,000 LA 1808 1.40 ± 0.15 0 0 1,000 4,000 LB 1808 1.60 ± 0.15 0 0 1,000 4,000 LC 1808 2.00 ± 0.15 0 0 1,000 4,000 GH 1812 1.40 ± 0.15 0 0 1,000 4,000 GK 1812 1.60 ± 0.20 0 0 1,000 4,000 GM 1812 2.00 ± 0.20 0 0 500 2,000 GO 1812 2.50 ± 0.20 0 0 500 2,000 HE 1825 1.40 ± 0.15 0 0 1,000 4,000 HG 1825 1.60 ± 0.20 0 0 1,000 4,000 HJ 1825 2.00 ± 0.20 0 0 500 2,000 HK 1825 2.50 ± 0.20 0 0 500 2,000 JE 2220 1.40 ± 0.15 0 0 1,000 4,000 JK 2220 1.60 ± 0.20 0 0 1,000 4,000 JL 2220 2.00 ± 0.20 0 0 500 2,000 JN 2220 2.50 ± 0.20 0 0 500 2,000 KE 2225 1.40 ± 0.15 0 0 1,000 4,000 KF 2225 1.60 ± 0.20 0 0 1,000 4,000 KH 2225 2.00 ± 0.20 0 0 500 2,000 KJ 2225 2.50 ± 0.20 0 0 500 2,000 TA 2824 1.40 ± 0.15 0 0 750 2,500 TB 2824 2.00 ± 0.20 0 0 300 2,000 TC 2824 2.50 ± 0.20 0 0 300 2,000 QB 3040 1.40 ± 0.15 0 0 500 1,650 QC 3040 2.00 ± 0.20 0 0 500 1,650 QD 3040 2.50 ± 0.20 0 0 350 1,400 MA 3640 1.40 ± 0.15 0 0 250 1,550 MB 3640 2.00 ± 0.20 0 0 250 1,550 MC 3640 2.50 ± 0.20 0 0 250 1,550 SA 4540 1.40 ± 0.15 0 0 200 1,500 SB 4540 2.00 ± 0.20 0 0 200 1,500 SC 4540 2.50 ± 0.20 0 0 200 1,500 Thickness Code Case Size Thickness ± Range (mm) 7" Reel 13" Reel 7" Reel 13" Reel Paper Quantity Plastic Quantity Package quantity based on finished chip thickness specifications. |
Similar Part No. - C4540H393BFGAGTU |
|
Similar Description - C4540H393BFGAGTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |