Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0622018606 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0622018606
Description  GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Unguided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622018606 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0622018606 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018606 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
1.0A
Data Rate
12.0 Gbps
Shield Type
N/A
Shielded
No
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-585
Product Specification
PS-75710-999
Sales Drawing
SD-75910-001
Right Angle Male
(RAM) Module
Removal Tool
0622023080
Press-In Tool
for Right Angle
Receptacle and
Header 11-Row, 10-
Column
0622018606
This document was generated on 06/09/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0622018606

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622018606 MOLEX11-0622018606 Datasheet
40Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Unguided
0622018606 MOLEX11-0622018606 Datasheet
33Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Right Guided Coplanar,
0622018606 MOLEX11-0622018606 Datasheet
38Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Unguided
0622018606 MOLEX11-0622018606 Datasheet
46Kb / 2P
   GbX I-Trac Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch, Unguided
0622018606 MOLEX11-0622018606 Datasheet
47Kb / 2P
   GbX I-Trac Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch, Left Guide
More results

Similar Description - 0622018606

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0759101113 MOLEX11-0759101113 Datasheet
40Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Unguided
0759101633 MOLEX11-0759101633 Datasheet
38Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Unguided
0759101103 MOLEX1-0759101103_17 Datasheet
43Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Unguided
0759101133 MOLEX1-0759101133_17 Datasheet
37Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Unguided
0759101633 MOLEX1-0759101633_17 Datasheet
37Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Unguided
0759101623 MOLEX11-0759101623 Datasheet
38Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Unguided
0759101603 MOLEX1-0759101603_17 Datasheet
43Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Unguided
0760111625 MOLEX1-0760111625_17 Datasheet
35Kb / 2P
   GbX I-Trac Right Angle Header Module, 1.85mm by 3.70mm Pitch, Unguided
0760111635 MOLEX1-0760111635_17 Datasheet
42Kb / 2P
   GbX I-Trac Right Angle Header Module, 1.85mm by 3.70mm Pitch, Unguided
0759101503 MOLEX11-0759101503 Datasheet
44Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Unguided
0759101605 MOLEX11-0759101605 Datasheet
44Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Unguided
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com