Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1440S-38 Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM1440S-38
Description  18V Input, 100mA Current Limited, Micropower Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1440S-38 Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM1440S-38 Datasheet HTML 1Page - Union Semiconductor, Inc. UM1440S-38 Datasheet HTML 2Page - Union Semiconductor, Inc. UM1440S-38 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1440S-38 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1440S-38 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1440S-38 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1440S-38 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1440S-38 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1440S-38 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.03 Mar.2016
4/19
UM1430/1440
Ordering Information
Part Number
Output Voltage
Packaging Type
Marking Code
Shipping Qty
UM1430S-20
2.0V
SOT23-3
5QA
3000pcs/7Inch
Tape & Reel
UM1430S-21
2.1V
5QB
UM1430S-22
2.2V
5Q2
UM1430S-23
2.3V
5Q3
UM1430S-24
2.4V
5Q4
UM1430S-25
2.5V
5Q5
UM1430S-26
2.6V
5Q6
UM1430S-27
2.7V
5Q7
UM1430S-28
2.8V
5Q8
UM1430S-29
2.9V
5Q9
UM1430S-30
3.0V
5QC
UM1430S-31
3.1V
5QD
UM1430S-32
3.2V
5QE
UM1430S-33
3.3V
5QF
UM1430S-34
3.4V
5QH
UM1430S-35
3.5V
5QL
UM1430S-36
3.6V
5QM
UM1430S-37
3.7V
5QJ
UM1430S-38
3.8V
5QK
UM1430S-39
3.9V
5QN
UM1430S-40
4.0V
5QP
UM1430S-41
4.1V
5QQ
UM1430S-42
4.2V
5QR
UM1430S-43
4.3V
5QS
UM1430S-44
4.4V
5QT
UM1430S-45
4.5V
5QY
UM1430S-46
4.6V
5QU
UM1430S-47
4.7V
5QZ
UM1430S-48
4.8V
5RA
UM1430S-49
4.9V
5RB
UM1430S-50
5.0V
5RC
UM1430S-51
5.1V
5RD
UM1430S-52
5.2V
5R2
UM1430S-53
5.3V
5R3
UM1430S-54
5.4V
5R4
UM1430S-55
5.5V
5R5
UM1430S-56
5.6V
5R6
UM1430S-57
5.7V
5R7
UM1430S-58
5.8V
5R8
UM1430S-59
5.9V
5R9
UM1430S-60
6.0V
5RE


Similar Part No. - UM1440S-38

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1441S-20 UNIONSEMI-UM1441S-20 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
UM1441S-21 UNIONSEMI-UM1441S-21 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
UM1441S-22 UNIONSEMI-UM1441S-22 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
UM1441S-23 UNIONSEMI-UM1441S-23 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
UM1441S-24 UNIONSEMI-UM1441S-24 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
More results

Similar Description - UM1440S-38

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7533HB HMSEMI-HM7533HB Datasheet
233Kb / 2P
   High Input Micropower Linear Regulator
HM7550HB HMSEMI-HM7550HB Datasheet
222Kb / 2P
   High Input Micropower Linear Regulator
HM7530HB HMSEMI-HM7530HB Datasheet
194Kb / 2P
   High Input Micropower Linear Regulator
logo
Linear Technology
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
Sipex Corporation
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
   Micropower, 100mA CMOS LDO Regulator
logo
Analog Microelectronics
AME78LXX AME-AME78LXX Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com