Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV1117DT25RK Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV1117DT25RK
Description  1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV1117DT25RK Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV1117DT25RK Datasheet HTML 3Page - ON Semiconductor NCV1117DT25RK Datasheet HTML 4Page - ON Semiconductor NCV1117DT25RK Datasheet HTML 5Page - ON Semiconductor NCV1117DT25RK Datasheet HTML 6Page - ON Semiconductor NCV1117DT25RK Datasheet HTML 7Page - ON Semiconductor NCV1117DT25RK Datasheet HTML 8Page - ON Semiconductor NCV1117DT25RK Datasheet HTML 9Page - ON Semiconductor NCV1117DT25RK Datasheet HTML 10Page - ON Semiconductor NCV1117DT25RK Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCP1117, NCV1117
http://onsemi.com
7
Figure 16. NCP1117XT12 Line
Transient Response
Figure 17. NCP1117XT12 Load
Transient Response
t, TIME (
ms)
Cin = 10 mF
Cout = 10 mF
Vin = 13.5 V
Preload = 0.1 A
TA = 25°C
0
0.5
0
0.1
−0.1
0
40
80
120
160
200
60
80
100
120
140
160
180
0.4
0.6
0.8
1.0
1.2
1.4
1.6
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50°C
40
50
60
70
80
90
100
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
0.6
0.8
1.0
1.2
1.4
1.6
Figure 18. SOT−223 Thermal Resistance and Maximum
Power Dissipation vs. P.C.B. Copper Length
0.4
Figure 19. DPAK Thermal Resistance and Maximum
Power Dissipation vs. P.C.B. Copper Length
t, TIME (
ms)
−20
0
14.5
13.5
0
40
80
120
160
200
20
Cin = 1.0 mF
Cout = 10 mF
Iout = 0.1 A
TA = 25°C
Minimum
Size Pad
L
2.0 oz. Copper
RqJA
Minimum
Size Pad
PD(max) for TA = 50°C
L
RqJA
L
L
2.0 oz. Copper


Similar Part No. - NCV1117DT25RK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1117DT25RK ONSEMI-NCV1117DT25RK Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCV1117DT25RKG ONSEMI-NCV1117DT25RKG Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCV1117DT25RKG ONSEMI-NCV1117DT25RKG Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCV1117DT25RKG ONSEMI-NCV1117DT25RKG Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCV1117DT25RKG ONSEMI-NCV1117DT25RKG Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
More results

Similar Description - NCV1117DT25RK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1117ST50T3G ONSEMI-NCV1117ST50T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
NCP1117 ONSEMI-NCP1117_14 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117LP ONSEMI-NCP1117LP Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCP1117 ONSEMI-NCP1117_07 Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com