Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1441S-32 Datasheet(PDF) 1 Page - Union Semiconductor, Inc.

Part # UM1441S-32
Description  30V Input, 100mA Current Limit, Micropower Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1441S-32 Datasheet(HTML) 1 Page - Union Semiconductor, Inc.

  UM1441S-32 Datasheet HTML 1Page - Union Semiconductor, Inc. UM1441S-32 Datasheet HTML 2Page - Union Semiconductor, Inc. UM1441S-32 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1441S-32 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1441S-32 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1441S-32 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1441S-32 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1441S-32 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1441S-32 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Apr.2016
1/19
UM1431/1441
30V Input, 100mA Current Limit, Micropower
Linear Regulator
UM1431S-xx SOT23-3
UM1431S5-xx/UM1441S -xx SOT23-5
UM1431Y-xx/UM1431B-xx SOT89-3
UM1441Y-xx SOT89-5
General Description
The UM1431/1441 series are high input voltage low quiescent current regulators implemented in
CMOS technology. It can accept input voltage as high as 30V with 100mA output current limit.
The output voltages are selectable in 100mV steps within a range of 2.0V to 6.0V. 100mA output
current limiting is built in to provide protection for the regulators against fault conditions. CMOS
technology ensures low voltage drop and low quiescent current.
With a chip enable control pin, the UM1441 can turn off the output and greatly reduce the power
consumption by setting the enable pin low.
The UM1431 is available in SOT23-3, SOT23-5 and SOT89-3 packages. The UM1441 is
available in SOT23-5 and SOT89-5 packages.
Applications
Features
Communication Equipment
Audio/Video Equipment
Industrial Control
Infotainment
Input Voltage Range: 3.6V to 30V
100mA Output Current Limit
±3% Voltage Accuracy at 30mA
Low Dropout Voltage:
250mV (Typical) at 30mA
Low Quiescent Current:
5.8μA@VIN=30V (Typical)
Available Fixed Output Voltage from 2.0V to
6.0V with 0.1V Step
With Enable Control (UM1441S-xx,
UM1441Y-xx)
Output Current Limit
UM1431: Low Profile SOT23-3, SOT23-5
and SOT89-3 Packages
UM1441: Low Profile SOT23-5 and
SOT89-5 Packages
Typical Application Circuit
VIN
VOUT
GND
UM1431
VIN
VOUT
1µF
10µF
VIN
VOUT
GND
EN
UM1441
VIN
VOUT
Chip Enable
1µF
10µF


Similar Part No. - UM1441S-32

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1440S-20 UNIONSEMI-UM1440S-20 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
UM1440S-21 UNIONSEMI-UM1440S-21 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
UM1440S-22 UNIONSEMI-UM1440S-22 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
UM1440S-23 UNIONSEMI-UM1440S-23 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
UM1440S-24 UNIONSEMI-UM1440S-24 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
More results

Similar Description - UM1441S-32

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1430 UNIONSEMI-UM1430 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050_10 Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7533HB HMSEMI-HM7533HB Datasheet
233Kb / 2P
   High Input Micropower Linear Regulator
HM7550HB HMSEMI-HM7550HB Datasheet
222Kb / 2P
   High Input Micropower Linear Regulator
HM7530HB HMSEMI-HM7530HB Datasheet
194Kb / 2P
   High Input Micropower Linear Regulator
logo
Linear Technology
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
logo
Maxim Integrated Produc...
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com