Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD230D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD230D
Description  3.3-V CAN TRANSCEIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD230D Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD230D Datasheet HTML 1Page - Texas Instruments SN65HVD230D Datasheet HTML 2Page - Texas Instruments SN65HVD230D Datasheet HTML 3Page - Texas Instruments SN65HVD230D Datasheet HTML 4Page - Texas Instruments SN65HVD230D Datasheet HTML 5Page - Texas Instruments SN65HVD230D Datasheet HTML 6Page - Texas Instruments SN65HVD230D Datasheet HTML 7Page - Texas Instruments SN65HVD230D Datasheet HTML 8Page - Texas Instruments SN65HVD230D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346G – MARCH 2001 – REVISED JUNE 2002
3.3-V CAN TRANSCEIVERS
1
www.ti.com
FEATURES
D Operates With a 3.3-V Supply
D Low Power Replacement for the PCA82C250
Footprint
D Bus/Pin ESD Protection Exceeds 16 kV HBM
D High Input Impedance Allows for 120 Nodes
on a Bus
D Controlled Driver Output Transition Times for
Improved Signal Quality on the SN65HVD230
and SN65HVD231
D Unpowered Node Does Not Disturb the Bus
D Compatible With the Requirements of the
ISO 11898 Standard
D Low-Current SN65HVD230 Standby Mode
370
µA Typical
D Low-Current SN65HVD231 Sleep Mode
40 nA Typical
D Designed for Signaling Ratesup to
1 Megabit/Second (Mbps)
D Thermal Shutdown Protection
D Open-Circuit Fail-Safe Design
D Glitch-Free Power-Up and Power-Down
Protection for Hot-Plugging Applications
APPLICATIONS
D Motor Control
D Industrial Automation
D Basestation Control and Status
D Robotics
D Automotive
D UPS Control
LOGIC DIAGRAM (POSITIVE LOGIC)
CANL
CANH
R
D
1
4
7
6
SN65HVD230, SN65HVD231
Logic Diagram (Positive Logic)
RS
8
Vref
5
3
VCC
CANL
CANH
R
D
1
4
7
6
SN65HVD232
Logic Diagram (Positive Logic)
† The signaling rate of a line is the number of voltage transitions that are made per second expressed in the units bps (bits per second).
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
D
GND
VCC
R
RS
CANH
CANL
Vref
SN65HVD230D
(Marked as VP230)
SN65HVD231D
(Marked as VP231)
(TOP VIEW)
1
2
3
4
8
7
6
5
NC – No internal connection
D
GND
VCC
R
NC
CANH
CANL
NC
SN65HVD232D
(Marked as VP232)
(TOP VIEW)
1
2
3
4
8
7
6
5
TMS320Lx240x is a trademark of Texas Instruments.


Similar Part No. - SN65HVD230D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230D TI-SN65HVD230D Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230DG4 TI-SN65HVD230DG4 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230DR TI-SN65HVD230DR Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230DRG4 TI-SN65HVD230DRG4 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD230D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com