Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1441Y-33 Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM1441Y-33
Description  30V Input, 100mA Current Limit, Micropower Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1441Y-33 Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM1441Y-33 Datasheet HTML 1Page - Union Semiconductor, Inc. UM1441Y-33 Datasheet HTML 2Page - Union Semiconductor, Inc. UM1441Y-33 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1441Y-33 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1441Y-33 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1441Y-33 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1441Y-33 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1441Y-33 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1441Y-33 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Apr.2016
4/19
UM1431/1441
Ordering Information
Part Number
Output Voltage
Packaging Type
Marking Code
Shipping Qty
UM1431S-20
2.0V
SOT23-3
4KA
3000pcs/7Inch
Tape & Reel
UM1431S-21
2.1V
4KB
UM1431S-22
2.2V
4K2
UM1431S-23
2.3V
4K3
UM1431S-24
2.4V
4K4
UM1431S-25
2.5V
4K5
UM1431S-26
2.6V
4K6
UM1431S-27
2.7V
4K7
UM1431S-28
2.8V
4K8
UM1431S-29
2.9V
4K9
UM1431S-30
3.0V
4KC
UM1431S-31
3.1V
4KD
UM1431S-32
3.2V
4KE
UM1431S-33
3.3V
4KF
UM1431S-34
3.4V
4KH
UM1431S-35
3.5V
4KL
UM1431S-36
3.6V
4KM
UM1431S-37
3.7V
4KJ
UM1431S-38
3.8V
4KK
UM1431S-39
3.9V
4KN
UM1431S-40
4.0V
4KP
UM1431S-41
4.1V
4KQ
UM1431S-42
4.2V
4KR
UM1431S-43
4.3V
4KS
UM1431S-44
4.4V
4KT
UM1431S-45
4.5V
4KY
UM1431S-46
4.6V
4KU
UM1431S-47
4.7V
4KZ
UM1431S-48
4.8V
4NA
UM1431S-49
4.9V
4NB
UM1431S-50
5.0V
4NC
UM1431S-51
5.1V
4ND
UM1431S-52
5.2V
4N2
UM1431S-53
5.3V
4N3
UM1431S-54
5.4V
4N4
UM1431S-55
5.5V
4N5
UM1431S-56
5.6V
4N6
UM1431S-57
5.7V
4N7
UM1431S-58
5.8V
4N8
UM1431S-59
5.9V
4N9
UM1431S-60
6.0V
4NE


Similar Part No. - UM1441Y-33

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1440S-20 UNIONSEMI-UM1440S-20 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
UM1440S-21 UNIONSEMI-UM1440S-21 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
UM1440S-22 UNIONSEMI-UM1440S-22 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
UM1440S-23 UNIONSEMI-UM1440S-23 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
UM1440S-24 UNIONSEMI-UM1440S-24 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
More results

Similar Description - UM1441Y-33

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1430 UNIONSEMI-UM1430 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050_10 Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7533HB HMSEMI-HM7533HB Datasheet
233Kb / 2P
   High Input Micropower Linear Regulator
HM7550HB HMSEMI-HM7550HB Datasheet
222Kb / 2P
   High Input Micropower Linear Regulator
HM7530HB HMSEMI-HM7530HB Datasheet
194Kb / 2P
   High Input Micropower Linear Regulator
logo
Linear Technology
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
logo
Maxim Integrated Produc...
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com