Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSH7N90A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SSH7N90A
Description  N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSH7N90A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SSH7N90A Datasheet HTML 1Page - Fairchild Semiconductor SSH7N90A Datasheet HTML 2Page - Fairchild Semiconductor SSH7N90A Datasheet HTML 3Page - Fairchild Semiconductor SSH7N90A Datasheet HTML 4Page - Fairchild Semiconductor SSH7N90A Datasheet HTML 5Page - Fairchild Semiconductor SSH7N90A Datasheet HTML 6Page - Fairchild Semiconductor SSH7N90A Datasheet HTML 7Page - Fairchild Semiconductor SSH7N90A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
FEATURES
Avalanche Rugged Technology
Rugged Gate Oxide Technology
Lower Input Capacitance
Improved Gate Charge
Extended Safe Operating Area
Lower Leakage Current: 25
µA (Max.) @ V
DS = 900V
Lower RDS(ON): 1.247Ω (Typ.)
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Symbol
Characteristics
Value
Units
VDSS
Drain-to-Source Voltage
900
V
ID
Continuous Drain Current (TC = 25°C)
7
A
Continuous Drain Current (TC = 100°C)
4.4
IDM
Drain Current-Pulsed
28
A
VGS
Gate-to-Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
778
mJ
IAR
Avalanche Current
7
A
EAR
Repetitive Avalanche Energy
24
mJ
dv/dt
Peak Diode Recovery dv/dt
1.5
V/ns
PD
Total Power Dissipation (TC = 25°C)
Linear Derating Factor
240
1.92
W
W/
°C
TJ, TSTG
Operating Junction and Storage
Temperature Range
−55 to +150
°C
TL
Maximum Lead Temp. for Soldering
Purposes, 1/8” from case for 5-seconds
300
Symbol
Characteristics
Typ.
Max.
Units
RθJC
Junction-to-Case
0.52
°C/W
RθCS
Case-to-Sink
0.24
RθJA
Junction-to-Ambient
40
BVDSS = 900V
RDS(ON) = 1.8Ω
ID = 7A
TO-3P
1. Gate 2. Drain 3. Source
3
2
1
N-CHANNEL POWER MOSFET
SSH7N90A
 1999 Fairchild Semiconductor Corporation
REV. B
x
y
x
x
z


Similar Part No. - SSH7N90A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SSH7N90A ISC-SSH7N90A Datasheet
272Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - SSH7N90A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com