Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDE0604A-100M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SDE0604A-100M
Description  SMD Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDE0604A-100M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SDE0604A-100M Datasheet HTML 1Page - Bourns Electronic Solutions SDE0604A-100M Datasheet HTML 2Page - Bourns Electronic Solutions SDE0604A-100M Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SDE0604A Series - SMD Power Inductors
Inductance vs. IDC
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications
and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Temperature Rise vs. IDC
0.0
1.0
2.0
3.0
4.0
4.0
5.0
3.0
2.0
1.0
0.0
5.0
4.0
3.0
1.0
2.0
0.0
IDC (A)
IDC (A)
L @ 25 °C
L @ 125 °C
ΔT @ 25 °C
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
0.0
4.0
2.0
6.0
8.0
10.0
12.0
2.5
3.0
3.5
2.0
1.0
1.5
0.5
0.0
2.5
3.0
3.5
2.0
1.0
1.5
0.5
0.0
IDC (A)
IDC (A)
L @ 25 °C
L @ 125 °C
ΔT @ 25 °C
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
0.0
25.0
20.0
30.0
35.0
5.0
10.0
15.0
40.0
0.0
60.0
80.0
100.0
20.0
40.0
120.0
2.0
1.5
1.0
0.5
0.0
2.0
1.5
1.0
0.5
0.0
IDC (A)
IDC (A)
L @ 25 °C
L @ 125 °C
ΔT @ 25 °C
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
1.0
0.8
0.4
0.6
0.2
0.0
1.0
0.8
0.4
0.6
0.2
0.0
IDC (A)
IDC (A)
L @ 25 °C
L @ 125 °C
ΔT @ 25 °C
0.0
20.0
10.0
30.0
40.0
50.0
60.0
70.0
SDE0604A-3R3M
SDE0604A-100M
SDE0604A-330M
SDE0604A-101K
SDE0604A-3R3M
SDE0604A-100M
SDE0604A-330M
SDE0604A-101K


Similar Part No. - SDE0604A-100M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDE0604A-100M BOURNS-SDE0604A-100M Datasheet
246Kb / 4P
   SDE0604A Series - SMD Power Inductors
REV. 11/19
More results

Similar Description - SDE0604A-100M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com