Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT601Q Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # FT601Q
Description  Future Technology Devices International Ltd.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT601Q Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  FT601Q Datasheet HTML 1Page - Future Technology Devices International Ltd. FT601Q Datasheet HTML 2Page - Future Technology Devices International Ltd. FT601Q Datasheet HTML 3Page - Future Technology Devices International Ltd. FT601Q Datasheet HTML 4Page - Future Technology Devices International Ltd. FT601Q Datasheet HTML 5Page - Future Technology Devices International Ltd. FT601Q Datasheet HTML 6Page - Future Technology Devices International Ltd. FT601Q Datasheet HTML 7Page - Future Technology Devices International Ltd. FT601Q Datasheet HTML 8Page - Future Technology Devices International Ltd. FT601Q Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Copyright © 2016 Future Technology Devices International Limited
2
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.02
Doc ument N o.: FT _001118
C learance N o.: FT DI#424
1
Typical Applications
Upgrading Legacy Peripherals to USB
Utilising USB to add system modularity
Interfacing PLD/FPGA based designs to USB 3.0
USB 3.0 data acquisition
USB 3.0 Digital Video Camera Interface
USB 3.0 Digital Camera
USB 3.0 Interface for Printer/Scanner
Medical/Industrial imaging devices
USB 3.0 Instrumentation
1.1
Driver Support
Royalty free D3XX Direct Drivers
(USB Drivers + DLL S/W Interface)
Windows 8
Windows 7
Mac OS-X (available late 2015)
Linux (available late 2015)
The drivers listed above are all available to download for free from the FTDI website (www.ftdichip.com).
For driver installation, please refer to http://www.ftdichip.com/Drivers/D3XX.htm
1.2
Part Numbers
Part Number
Package
FT600Q-x
56 Pin QFN 0.4mm Pitch
FT601Q-x
76 Pin QFN 0.4mm Pitch
Table 1.1 Device Part Numbers
Note: Packaging codes for x is:
-R: Taped and Reel, (VQFN in 3000 pieces per reel)
-T: Tray packing, (VQFN in 260 pieces per tray)
For example: FT600Q-R is 3000 QFN pieces in taped and reel packaging
1.3
USB Compliant
Both FT600 and FT601 are fully compliant with the USB 3.0 specification. USB IF TID 340930018 applies
to the FT600 and TID 340930019 for the FT601.


Similar Part No. - FT601Q

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT601Q-B FTDI-FT601Q-B Datasheet
1Mb / 33P
   USB 3.0 to FIFO Bridge
More results

Similar Description - FT601Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
   Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
   Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
   Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
   Future Technology Devices International Ltd.
FT230XQ-R FTDI-FT230XQ-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
USB-COM232-PLUS-2 ETC2-USB-COM232-PLUS-2 Datasheet
805Kb / 24P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
   Future Technology Devices International Ltd.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com