Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK20C04-35 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STK20C04-35
Description  CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK20C04-35 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STK20C04-35 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK20C04-35 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK20C04-35 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK20C04-35 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK20C04-35 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK20C04-35 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK20C04-35 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK20C04-35 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STK20C04
2-40
ICC
b
Average VCC Current
80
85
mA
tAVAV = 30ns
75
80
mA
tAVAV = 35ns
65
75
mA
tAVAV = 45ns
ICC
d
Average VCC Current
50
50
mA
All inputs at
during
STORE cycle
VIN ≤ 0.2V or ≥ (VCC – 0.2V)
ISB
c
Average VCC Current
27
30
mA
tAVAV = 30ns
(Standby, Cycling TTL Input Levels)
23
27
mA
tAVAV = 35ns
20
23
mA
tAVAV = 45ns
E
≥ V
IH; all others cycling
ISB
c
Average VCC Current
1
1
mA
E
≥ (V
CC – 0.2V)
(Standby, Stable CMOS Input Levels)
all others VIN ≤ 0.2V or ≥ (VCC – 0.2V)
IILK
Input Leakage Current (Any Input)
±1
±1
µAV
CC = max
VIN = VSS to VCC
IOLK
Off State Output Leakage Current
±5
±5
µAV
CC = max
VIN = VSS to VCC
VIH
Input Logic "1" Voltage
2.2
VCC+.5
2.2
VCC+.5
V
All Inputs
VIL
Input Logic "0" Voltage
VSS–.5
0.8
VSS–.5
0.8
V
All Inputs
VOH
Output Logic "1" Voltage
2.4
2.4
V
IOUT = –4mA
VOL
Output Logic "0" Voltage
0.4
0.4
V
IOUT = 8mA
TA
Operating Temperature
0
70
–40
85
°C
ABSOLUTE MAXIMUM RATINGSa
Figure 1: AC Output Loading
Voltage on typical input relative to VSS. . . . . . . . . . . . . –0.6V to 7.0V
Voltage on DQ0-7 and G. . . . . . . . . . . . . . . . . . .–0.5V to (VCC+0.5V)
Temperature under bias . . . . . . . . . . . . . . . . . . . . . . –55
°C to 125°C
Storage temperature. . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to 150°C
Power dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1W
DC output current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15mA
Note a: Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is a stress
rating only, and functional operation of the device at conditions above
those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
(One output at a time, one second duration)
DC CHARACTERISTICS
(VCC = 5.0V ± 10%)
AC TEST CONDITIONS
Input Pulse Levels. . . . . . . . . . . . . . . . . . . . . . . . . . . . . V
SS to 3V
Input Rise and Fall Times. . . . . . . . . . . . . . . . . . . . . . . . . .
≤ 5ns
Input and Output Timing Reference Levels. . . . . . . . . . . . . . 1.5V
Output Load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Figure 1
Note e: These parameters are guaranteed but not tested.
CAPACITANCE (T
A=25°C, f=1.0MHz)
e
5.0V
Output
480 Ohms
30pF
INCLUDING
SCOPE
AND FIXTURE
255 Ohms
COMMERCIAL
INDUSTRIAL
SYMBOL
PARAMETER
UNITS
NOTES
MIN
MAX
MIN
MAX
1
2
1
2
Note b: ICC is dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded.
Note c: Bringing E
≥ VIH will not produce standby current levels until any nonvolatile cycle in progress has timed out. See MODE SELECTION table.
Note d: ICC is the average current required for the duration of the store cycle (tSTORE) after the sequence (tWC) that initiates the cycle.
1
2
CIN
Input Capacitance
7
pF
∆V = 0 to 3V
COUT
Output Capacitance & W
7
pF
∆V = 0 to 3V
SYMBOL
PARAMETER
MAX
UNITS
CONDITIONS


Similar Part No. - STK20C04-35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK20C04-W25 SIMTEK-STK20C04-W25 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04-W25I SIMTEK-STK20C04-W25I Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04-W35 SIMTEK-STK20C04-W35 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04-W35I SIMTEK-STK20C04-W35I Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04-W45 SIMTEK-STK20C04-W45 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Similar Description - STK20C04-35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com