Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NH37M28LN Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NH37M28LN
Description  Crystal Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NH37M28LN Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NH37M28LN Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
- 5 -
NH37M28LN
Phase Noise
(at 10 MHz)
Offset
Frequency
dBc/Hz
1 Hz
Typ. –83
10 Hz
Typ. –110
100 Hz
Typ. –135
1 kHz
Typ. –152
10 kHz
Typ. –157
100 kHz
Typ. –160
1604A_NH37M28LN_e
High Precision Oscillator (Twin-OCXO)
for Fixed Communication Equipment
● Base stations for system mobile communications
●Measuring instrument
● Synthesizer
● Exchanger
● High-end router
Main Application
● Low height and excellent temperature characteristics.
● Supports wide temperature range (–40 to +85 °C)
● Frequency adjustment by digital control method (I2C control).
(Voltage contorol method (Vcont) is also possible.)
Features
Specifications
Model
Item
Measurement condition
NH37M28LN
Nominal Frequency Range (MHz)
10
Supply Voltage [VCC] (V)
+5.0 ±5 %
Power Consumption (W)
at start
Typ. 3.0 (Max. 3.5)
when stable (+25 °C)
Max. 1.6
Output Voltage
LVCMOS (VOL Max. 0.4 V, VOH Min. 2.4 V)
Symmetry (%)
at 1/2 Vout
45 to 55
Load Impedance (pF)
15
Operating Temperature Range (°C)
–40 to +85
Storage Temperature Range (°C)
–40 to +85
Stabilization Time
Stabilization Time (Frequency Stability) within
±10 ×10−9 after power on at +25°C ,
based on frequency after 60minutes operation.
Max. 5 minutes
Long-term Frequency Stability
Based on frequency after 7 days operation
Max. ±0.2×10–9/day
Max. ±50×10–9/year
Frequency/Temperature Characteristics
Max. ±0.5×10–9
Frequency/Voltage Coefficient
VCC +5 V ±5 %
±0.2×10–9
Frequency Control Range
*1
±0.3 to ±0.5×10–6
Frequency Change Polarity
Frequency Change Polarity
Positive
Linearity
Max. 5%
Reference Value
Frequency control
method
Voltage control
(Vcont)
Digital control
(I2C control)
Control Range
0 to 5.0V
0x800000
to 0x7FFFFF
Specification Number
NSA3650A
NSA3649A
*1 Specification Number
mm
Pin number is not printed
*NSA3650A : Vcont, DNC
NSA3649A : SCL, SDA
Max. 37.0
5×Ø0.45±0.15
Min.3.0
5×Ø0.80±0.15
STAND OFF
4POINT
0
7.62
10.16
12.70
#3
#1
#10
#4
25.4±0.3
17.78±0.30
#5
#7
#8
#9
#6
5.08
2.54
#2
Pin connections
#1
#2
#3
#4
#5
#6
Vcont / SCL(I2C) *
DNC(Don't connect)/ SDA(I2C) *
VCC
OUTPUT
DNC(Don't connect)
#7
DNC(Don't connect)
#8
DNC(Don't connect)
#9
DNC(Don't connect)
#10
GND
DNC(Don't connect)
Tolerance ±0.2
Dimensions
Please specify the model name, frequency, and specification number
when you order products.
For further questions regarding specifications, please feel free to
contact us.


Similar Part No. - NH37M28LN

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
709Kb / 1P
   High Precision Oscillator (Twin-OCXO) for Fixed Communication Equipment
NH37M28LN NDK-NH37M28LN_17 Datasheet
709Kb / 1P
   High Precision Oscillator (Twin-OCXO) for Fixed Communication Equipment
More results

Similar Description - NH37M28LN

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
   Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com