Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3308H Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM3308H
Description  8-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and 짹15kV ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3308H Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM3308H Datasheet HTML 2Page - Union Semiconductor, Inc. UM3308H Datasheet HTML 3Page - Union Semiconductor, Inc. UM3308H Datasheet HTML 4Page - Union Semiconductor, Inc. UM3308H Datasheet HTML 5Page - Union Semiconductor, Inc. UM3308H Datasheet HTML 6Page - Union Semiconductor, Inc. UM3308H Datasheet HTML 7Page - Union Semiconductor, Inc. UM3308H Datasheet HTML 8Page - Union Semiconductor, Inc. UM3308H Datasheet HTML 9Page - Union Semiconductor, Inc. UM3308H Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.10 Mar.2016
6/13
UM3308/UM3308H
Switching Characteristics
Over recommended operating free-air temperature range, VCCA=1.8V±0.15V (unless otherwise
noted)
Parameter
From
(Input)
To
(Output)
VCCB=1.8V
±0.15V
VCCB=2.5V
±0.2V
VCCB=3.3V
±0.3V
VCCB=5V
±0.5V
Unit
Min
Max Min
Max Min
Max Min
Max
tpd
A
B
1.6
10 1.4
9 1.3
7
1.2
6.5
ns
B
A
1.5
12 1.3
8.5 1
8
0.9
8
ten
OE
A
1
1
1
1
μs
B
1
1
1
1
tdis
OE
A
6
34 5.5
23 5
20 5
17.6
ns
B
5.5
33 4.5
22 4.2
16.8 4.4
16.3
trA, tfA
A Port Rise and Fall
Time
1
4.2 1.1
4.0 1.1
4.0 1.1
4.0
ns
trB, tfB
B Port Rise and Fall
Time
0.9
4 0.6
3.2 0.5
2.8 0.4
2.8
ns
tSK(O)
Channel-to-Channel
0.5
0.5
0.5
0.5
ns
Max Data
Rate
60
60
60
60
Mbps
Switching Characteristics
Over recommended operating free-air temperature range, VCCA=2.5V±0.2V (unless otherwise
noted)
Parameter
From
(Input)
To
(Output)
VCCB=2.5V
±0.2V
VCCB=3.3V
±0.3V
VCCB=5V
±0.5V
Unit
Min
Max Min
Max Min
Max
tpd
A
B
1.1
6.5
1
5.2 0.9
5
ns
B
A
1.2
6.6 1.1
5.1
0.9
4.4
ten
OE
A
1
1
1
μs
B
1
1
1
tdis
OE
A
5.0
23 4.6
15.2 4.6
13
ns
B
4.4
22 3.8
16 3.9
13.3
trA, tfA
A Port Rise and Fall Time
0.8
3 0.8
3 0.8
3
ns
trB, tfB
B Port Rise and Fall Time
0.7
2.7 0.5
2.8 0.4
2.7
ns
tSK(O)
Channel-to-Channel
0.5
0.5
0.5
ns
Max Data
Rate
100
100
100
Mbps


Similar Part No. - UM3308H

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3308 UNIONSEMI-UM3308 Datasheet
309Kb / 12P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
More results

Similar Description - UM3308H

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3308 UNIONSEMI-UM3308 Datasheet
309Kb / 12P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3302 UNIONSEMI-UM3302 Datasheet
283Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3302H UNIONSEMI-UM3302H_14 Datasheet
377Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
UM3304 UNIONSEMI-UM3304_15 Datasheet
423Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
logo
Texas Instruments
TXB0108 TI-TXB0108_11 Datasheet
726Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI-TXB0108_10 Datasheet
653Kb / 22P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108 Datasheet
294Kb / 16P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI1-TXB0108_18 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and (-)15-kV ESD Protection
logo
Union Semiconductor, In...
UM3304 UNIONSEMI-UM3304 Datasheet
398Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹4kV ESD Protection
logo
Texas Instruments
TXB0108 TI-TXB0108_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and 짹15-kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com