Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3352EESA Datasheet(PDF) 10 Page - Union Semiconductor, Inc.

Part # UM3352EESA
Description  ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3352EESA Datasheet(HTML) 10 Page - Union Semiconductor, Inc.

Back Button UM3352EESA Datasheet HTML 5Page - Union Semiconductor, Inc. UM3352EESA Datasheet HTML 6Page - Union Semiconductor, Inc. UM3352EESA Datasheet HTML 7Page - Union Semiconductor, Inc. UM3352EESA Datasheet HTML 8Page - Union Semiconductor, Inc. UM3352EESA Datasheet HTML 9Page - Union Semiconductor, Inc. UM3352EESA Datasheet HTML 10Page - Union Semiconductor, Inc. UM3352EESA Datasheet HTML 11Page - Union Semiconductor, Inc. UM3352EESA Datasheet HTML 12Page - Union Semiconductor, Inc. UM3352EESA Datasheet HTML 13Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
__________________________________________________________________________
http://www.union-ic.com Rev.07 Sep.2015
10/13
UM3352E
IEC61000-4-2 Testing
The IEC61000 test method applies to finished equipments, rather than to an individual IC. Therefore,
the pins most likely to suffer an ESD event are those that are exposed to the outside world (the
RS-485 pins in this case), and the IC is tested in its typical application configuration (power applied)
rather than testing each pin-to-pin combination. The IEC61000 standard’s lower current limiting
resistor coupled with the larger charge storage capacitor yields a test that is much more severe than
the HBM test.
Air-Gap Discharge Test Method
For this test method, a charged probe tip moves toward the IC pin until the voltage arcs to it. The
current waveform delivered to the IC pin depends on approach speed, humidity, temperature, etc., so
it is difficult to obtain repeatable results. The UM3352E RS-485 pins withstand ±15kV air-gap
discharges.
Contact Discharge Test Method
During the contact discharge test, the probe contacts the tested pin before the probe tip is energized,
thereby eliminating the variables associated with the air-gap discharge. The result is a more
repeatable and predictable test, but equipment limits prevent testing devices at voltages higher than
±8kV. The RS-485 pins of all the UM3352E versions survive ±8kV contact discharges.
Typical Applications
The UM3352E transceivers are designed for bidirectional data communications on multipoint bus
transmission lines. To minimize reflections, the line should be terminated at both ends in its
characteristic impedance, and stub lengths of the main line should be kept as short as possible.


Similar Part No. - UM3352EESA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3352EESA UNIONSEMI-UM3352EESA Datasheet
235Kb / 11P
   짹12kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
More results

Similar Description - UM3352EESA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3085E UNIONSEMI-UM3085E_15 Datasheet
346Kb / 12P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3352E UNIONSEMI-UM3352E Datasheet
235Kb / 11P
   짹12kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3085E UNIONSEMI-UM3085E Datasheet
245Kb / 12P
   짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
   RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
logo
Union Semiconductor, In...
UM488 UNIONSEMI-UM488 Datasheet
324Kb / 17P
   짹15kV ESD-Protected, Fail-Safe, Slew-Rate-Limited RS-422
logo
Maxim Integrated Produc...
MAX3060E MAXIM-MAX3060E_V01 Datasheet
2Mb / 17P
   짹15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT
2018
MAX3060E MAXIM-MAX3060E Datasheet
497Kb / 17P
   15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT
Rev 0; 7/02
MAX3080E MAXIM-MAX3080E Datasheet
213Kb / 20P
   ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com