Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMFT231XE Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # UMFT231XE
Description  UMFT231XE USB to Full-Handshake UART Development Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UMFT231XE Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button UMFT231XE Datasheet HTML 7Page - Future Technology Devices International Ltd. UMFT231XE Datasheet HTML 8Page - Future Technology Devices International Ltd. UMFT231XE Datasheet HTML 9Page - Future Technology Devices International Ltd. UMFT231XE Datasheet HTML 10Page - Future Technology Devices International Ltd. UMFT231XE Datasheet HTML 11Page - Future Technology Devices International Ltd. UMFT231XE Datasheet HTML 12Page - Future Technology Devices International Ltd. UMFT231XE Datasheet HTML 13Page - Future Technology Devices International Ltd. UMFT231XE Datasheet HTML 14Page - Future Technology Devices International Ltd. UMFT231XE Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Copyright © 2012 Future Technology Devices International Limited
UMFT231XE
Version 1.0
Document Reference No.: FT_000652
Clearance No.: FTDI#
294
5.5
Variable IO Voltage Supply
MCU
Vcc = 1.8V
– 3.3V
TXD
RXD
RTS#
CTS#
GND
TXD
RXD
RTS#
CTS#
Jumper JP2 - Closed
Jumper JP1 - Open
GND
VCCIO
3V3OUT
VBUS
VCC
Figure 5.4 – USB Bus Powered 3.3V Logic Drive
The FT231X can process signals at CMOS/TTL logic levels in the range of 1.8V to 3.3V. This section
describes how to utilise this feature.
Figure 5.4 shows a configuration where the FT231X is interfaced to a device with IOs operating in the
range of 1.8V - 3.3V. The IO ports of this module need to be powered with a voltage level that is equal to
the level of the signals it is processing. Since the FT231X‟s embedded voltage regulator only outputs 3V3
the IO ports will need to be powered from another power source when operating at voltage levels other
than 3.3V.
By default, a short is present between 3V3OUT (embedded voltage regulator) and VCCIO (IO port‟s
power input with the connection made by JP1. If an external power supply is used to power the IO ports
this jumper needs to be open.
The configuration described in this section can be implemented in either bus-powered mode or self-
powered mode.
Note 1: The CBUS and DBUS pins are 5V tolerant; however these signals cannot drive signals at 5V
TTL/CMOS. VCCIO is not 5V tolerant; applying 5V to VCCIO will damage the chip.
Note 2: If power is applied to VCCIO and no power is applied to VCC all IOs will be at an unknown state,
this however will not damage the chip. The FT231X also has protective circuitry to prevent the chip being
damaged by a voltage discrepancy between VCCIO and the level of the signal being processed.
Note 3: When using VCCIO less than 3V3 on a chip from FTDI‟s X-chip range, it is recommended to use
pull up resistors (47K) to VCCIO on the data lines, all of the UMFT2xxXE devices include an on-board
pull-up for these lines.


Similar Part No. - UMFT231XE

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
UMFT231XE-01 FTDI-UMFT231XE-01 Datasheet
770Kb / 18P
   UMFT221XE USB to 8-bit SPI/FT1248 Development Module
UMFT231XE-01 FTDI-UMFT231XE-01 Datasheet
813Kb / 18P
   UMFT240XE USB to 8-bit 245 FIFO Development Module
More results

Similar Description - UMFT231XE

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT231XQ-R FTDI-FT231XQ-R Datasheet
690Kb / 45P
   USB to FULL HANDSHAKE UART IC
UMFT230XA-02 FTDI-UMFT230XA-02 Datasheet
692Kb / 21P
   UMFT230XA USB to Basic UART Development Module
UM232R FTDI-UM232R Datasheet
764Kb / 19P
   USB- Serial UART Development Module
FT231X FTDI-FT231X Datasheet
829Kb / 44P
   Future Technology Devices International Ltd. FT231X (USB to FULL HANDSHAKE UART IC)
2013 Version 1.2
MM232R FTDI-MM232R Datasheet
1,020Kb / 19P
   Mini USB- Serial UART Development Module
FTPD-1 FTDI-FTPD-1 Datasheet
524Kb / 13P
   Full-Speed USB to UART converter
UMFT201XE FTDI-UMFT201XE Datasheet
781Kb / 23P
   UMFT201XE USB to I2C Development Module
logo
Exar Corporation
XR21V1414 EXAR-XR21V1414_10 Datasheet
306Kb / 32P
   4-CH FULL-SPEED USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
   1-CH FULL-SPEED USB UART
XR21V1414 EXAR-XR21V1414 Datasheet
685Kb / 26P
   4-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com