Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRT0402-CZ1003GAS Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CRT0402-CZ1003GAS
Description  Sulfur-Resistant Thin Film Precision Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRT0402-CZ1003GAS Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CRT0402-CZ1003GAS Datasheet HTML 1Page - Bourns Electronic Solutions CRT0402-CZ1003GAS Datasheet HTML 2Page - Bourns Electronic Solutions CRT0402-CZ1003GAS Datasheet HTML 3Page - Bourns Electronic Solutions CRT0402-CZ1003GAS Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
Ultra-tighttolerance
n
Wideresistancerange
n
RoHScompliant*
n
Fourpackagesizesavailable
n
Sulfur-resistant
Applications
n
Currentsense
n
Precisioncircuits
n
Medicalequipment**
n
Printers
n
Automationequipment
n
Navigationequipment
CRT-ASSeries-Sulfur-ResistantThinFilmPrecisionChipResistors
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
**Bourns®productshavenotbeenspecificallydesignedandtestedforFDAClassIIIapplications(orequivalentforeignapplications)andtheiruseinsuchapplicationsisneither
recommendednorsupported.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Electrical Characteristics
Characteristic
Model
Model
Model
Model
CRT0402-AS
CRT0603-AS
CRT0805-AS
CRT1206-AS
Power Rating @ 70 °C
1/16 watt
1/10 watt
1/8 watt
1/4 watt
Operating Temperature Range
-55 to +155 °C
Derated to Zero Load at
+155 °C
Maximum Working Voltage
25 V
75 V
150 V
200 V
Maximum Overload Voltage
50 V
150 V
300 V
400 V
Resistance Range
(E-96 + E-24 Values)
(See Standard Values Table)
TemperatureCoefficient
±10PPM/°C,±15PPM/°C,±25PPM/°C,±50PPM/°C,
of Resistance (TCR)
(See Value - TCR Table on Page 2)
Environmental Characteristics
How to Order
CRT 0603 - C V - 1003 E AS
Model
(CRT = Thin Film Precision Chip Resistor)
Size
•0402•0603•0805•1206
Resistance Tolerance
F=±1%D=±0.5%C=±0.25%B=±0.1%A=±0.05%
TCR (PPM/°C)
W=±10X=±15Y=±25Z=±50
Resistance Value
<100ohms: “R”representsdecimalpoint(example:24R3=24.3ohms)
100ohms: Firstthreedigitsaresignificant,fourthdigitrepresentsnumberofzeroestofollow(example:8252=82.5Kohms)
Packaging
G=Papertape(10Kpcs.)on7”plasticreel(CRT0402-AS)
E=Papertape(5Kpcs.)on7”plasticreel(CRT0603-AS,CRT0805-AS,CRT1206-AS)
Special Design and Termination
AS=Sulfur-resistantversion,Tin-plated(RoHScompliant)
Specification
Test Method
Limit (DR)
(Tol. ≤ 0.05 %)
Limit (DR)
(Tol. > 0.05 %)
Short Time Overload
JIS-C-5201-14.13
IEC60115-14.13
±0.2%
Load Life
MIL-STD-202 Method 108
±0.5%
Humidity(SteadyState)
MIL-STD-202 Method 103
±0.5%
Thermal Shock
JESD22MethodJA-104
±0.05%
±0.2%
Solderability
JIS-C-5201-14.17
IEC60115-14.17
>95%coverage
ResistancetoSolderingHeat
JIS-C-5201-14.18
IEC60115-14.18
±0.05%
±0.2%
Mechanical Shock
MIL-STD-202 Method 213
±0.05%
±0.1%
Vibration
MIL-STD-202 Method 204
±0.05%
±0.1%
ESD
AEC-Q200-002,2kV
±0.1%
Flammability
UL-94V0
--
Sulfur Test
ASTM-B-809-95
3~5PPMH2S,50±2°C,91~93%RH,noloadfor1000hrs.
±0.5%


Similar Part No. - CRT0402-CZ1003GAS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0402-CZ BOURNS-CRT0402-CZ Datasheet
425Kb / 4P
   CRT Series - Thin Film Precision Chip Resistors
CRT0402-CZ-1003GLF BOURNS-CRT0402-CZ-1003GLF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
More results

Similar Description - CRT0402-CZ1003GAS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0402-AS BOURNS-CR0402-AS Datasheet
406Kb / 2P
   Sulfur-Resistant Thick Film Chip Resistors
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
   Sulfur-Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
RCAE3 VISHAY-RCAE3_V01 Datasheet
160Kb / 10P
   Sulfur Resistant Thick Film Chip Resistors
01-Jan-2022
logo
NIC-Components Corp.
NRCS NIC-NRCS Datasheet
112Kb / 4P
   Sulfur Resistant Thick Film Chip Resistors
NRCAS NIC-NRCAS Datasheet
320Kb / 5P
   Sulfur Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
P VISHAY-P Datasheet
131Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
Revision: 20-Feb-15
P VISHAY-P_V01 Datasheet
148Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
01-Jan-2022
RCA-AUE4 VISHAY-RCA-AUE4 Datasheet
122Kb / 8P
   Sulfur Resistant, Gold Terminated Thick Film Chip Resistors
RCA-IFE3 VISHAY-RCA-IFE3_V01 Datasheet
132Kb / 10P
   Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
01-Jan-2022
RCA-IFE3 VISHAY-RCA-IFE3 Datasheet
135Kb / 10P
   Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com