Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMFT231XE-01 Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # UMFT231XE-01
Description  UMFT231XE USB to Full-Handshake UART Development Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UMFT231XE-01 Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  UMFT231XE-01 Datasheet HTML 1Page - Future Technology Devices International Ltd. UMFT231XE-01 Datasheet HTML 2Page - Future Technology Devices International Ltd. UMFT231XE-01 Datasheet HTML 3Page - Future Technology Devices International Ltd. UMFT231XE-01 Datasheet HTML 4Page - Future Technology Devices International Ltd. UMFT231XE-01 Datasheet HTML 5Page - Future Technology Devices International Ltd. UMFT231XE-01 Datasheet HTML 6Page - Future Technology Devices International Ltd. UMFT231XE-01 Datasheet HTML 7Page - Future Technology Devices International Ltd. UMFT231XE-01 Datasheet HTML 8Page - Future Technology Devices International Ltd. UMFT231XE-01 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
Copyright © 2012 Future Technology Devices International Limited
UMFT231XE
Version 1.0
Document Reference No.: FT_000652
Clearance No.: FTDI#
294
4.2
Signal Descriptions
Pin No.
Name
Type
Description
J1-1,
J2-5
GND
PWR
Module Ground Supply Pins
J1-2
3V3OUT
Power
Input/
Output
3.3V output from integrated L.D.O. regulator. This pin is decoupled with a 100nF
capacitor to ground on the PCB module. The prime purpose of this pin is to provide
the 3.3V supply that can be used internally. For power supply configuration details
see Section 5.
J1-3
VCCIO
Power
Input
+1.8V to +3.3V supply to the UART Interface and CBUS I/O pins. For power supply
configuration details see Section 5.
J1-4
DCD#
Input
Data Carrier Detect Control Input.
J1-5
DSR#
Input
Data Set Ready Control Input / Handshake Signal.
J1-6
DTR#
Output
Data Terminal Ready Control Output / Handshake Signal.
J1-7
CTS#
Input
Clear To Send Control Input / Handshake Signal.
J1-8
RTS#
Output
Request to Send Control Output / Handshake Signal.
J1-9
RXD
Input
Receiving Asynchronous Data Input.
J1-10
TXD
Output
Transmit Asynchronous Data Output.
J2-1
SLD
GND
USB Cable Shield. Connected to GND via a 0ohm resistor.
J2-2
VBUS
Power
Output
5V Power output from the USB bus. For a low power USB bus powered design, up to
100mA can be sourced from the 5V supply and applied to the USB bus. A maximum
of 500mA can be sourced from the USB bus in a high power USB bus powered design.
Currents up to 1A can be sourced from a dedicated charger and applied to the USB
bus.
J2-3
VCC
Power
Input
5V power input for FT231X. For power supply configuration details see Section 5.
J2-4
RI#
Input
Ring Indicator Control Input. When remote wake up is enabled in the internal MTP
ROM taking RI# low >20ms can be used to resume the PC USB host controller from
suspend.
J2-6
RESET#
Input
FT231X active low reset line. Configured with an on board pull-up and recommended
filter capacitor. When no power is applied to the USB bus reset, will be held low, this
prevents current from flowing to the host or hub when in self-powered mode.
J2-7
CBUS3
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal
MTP ROM. See CBUS Signal Options, Table 4.2.
J2-8
CBUS2
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal
MTP ROM. See CBUS Signal Options,Table 4.2.
J2-9
CBUS1
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal
MTP ROM. See CBUS Signal Options, Table 4.2.
J2-10
CBUS0
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal
MTP ROM. See CBUS Signal Options,Table 4.2.
Table 4.1 – Module Pin Out Description


Similar Part No. - UMFT231XE-01

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
UMFT231XE-01 FTDI-UMFT231XE-01 Datasheet
770Kb / 18P
   UMFT221XE USB to 8-bit SPI/FT1248 Development Module
UMFT231XE-01 FTDI-UMFT231XE-01 Datasheet
813Kb / 18P
   UMFT240XE USB to 8-bit 245 FIFO Development Module
More results

Similar Description - UMFT231XE-01

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT231XQ-R FTDI-FT231XQ-R Datasheet
690Kb / 45P
   USB to FULL HANDSHAKE UART IC
UMFT230XA-02 FTDI-UMFT230XA-02 Datasheet
692Kb / 21P
   UMFT230XA USB to Basic UART Development Module
UM232R FTDI-UM232R Datasheet
764Kb / 19P
   USB- Serial UART Development Module
FT231X FTDI-FT231X Datasheet
829Kb / 44P
   Future Technology Devices International Ltd. FT231X (USB to FULL HANDSHAKE UART IC)
2013 Version 1.2
MM232R FTDI-MM232R Datasheet
1,020Kb / 19P
   Mini USB- Serial UART Development Module
FTPD-1 FTDI-FTPD-1 Datasheet
524Kb / 13P
   Full-Speed USB to UART converter
UMFT201XE FTDI-UMFT201XE Datasheet
781Kb / 23P
   UMFT201XE USB to I2C Development Module
logo
Exar Corporation
XR21V1414 EXAR-XR21V1414_10 Datasheet
306Kb / 32P
   4-CH FULL-SPEED USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
   1-CH FULL-SPEED USB UART
XR21V1414 EXAR-XR21V1414 Datasheet
685Kb / 26P
   4-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com