Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMFT231XE-01 Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # UMFT231XE-01
Description  UMFT231XE USB to Full-Handshake UART Development Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UMFT231XE-01 Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button UMFT231XE-01 Datasheet HTML 4Page - Future Technology Devices International Ltd. UMFT231XE-01 Datasheet HTML 5Page - Future Technology Devices International Ltd. UMFT231XE-01 Datasheet HTML 6Page - Future Technology Devices International Ltd. UMFT231XE-01 Datasheet HTML 7Page - Future Technology Devices International Ltd. UMFT231XE-01 Datasheet HTML 8Page - Future Technology Devices International Ltd. UMFT231XE-01 Datasheet HTML 9Page - Future Technology Devices International Ltd. UMFT231XE-01 Datasheet HTML 10Page - Future Technology Devices International Ltd. UMFT231XE-01 Datasheet HTML 11Page - Future Technology Devices International Ltd. UMFT231XE-01 Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Copyright © 2012 Future Technology Devices International Limited
UMFT231XE
Version 1.0
Document Reference No.: FT_000652
Clearance No.: FTDI#
294
5.2
Bus Powered Configuration
GND
Jumper JP1 - Closed
GND
Jumper JP2- Closed
Alternative
connection
Alternative
connection
Current Flow
Bus Powered
Mode
Self-Sourced
3V3 TTL Mode
VCCIO
3V3OUT
VBUS
VCC
Figure 5.1 – Bus Powered Configuration
A bus powered configuration draws its power from the USB host/hub. The UMFT231XE is configured by
default to be in bus powered mode.
Figure 5.1 illustrates the UMFT231XE module in a typical USB bus powered design configuration. By
default VCCIO is connected to 3V3OUT, and VCC is connected to VBUS.
For a bus power configuration power is supplied from the USB VBUS:
+5V VBUS power is sourced from the USB bus and is connected to the FT231X power input (VCC)
+3.3V power is sourced from the FT231X‟s voltage regulator output and is connected to the FT231X IO
port‟s power input (VCCIO).
Interfacing the UMFT231XE module to a microcontroller (MCU), or other logic devices for bus powered
configuration is done the same way as a self-powered configuration (see Section 3), except it is possible
for the MCU or external device to take its power supply from the USB bus (either the 5V from the USB
pin, or 3.3V from the 3V3OUT pin).


Similar Part No. - UMFT231XE-01

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
UMFT231XE-01 FTDI-UMFT231XE-01 Datasheet
770Kb / 18P
   UMFT221XE USB to 8-bit SPI/FT1248 Development Module
UMFT231XE-01 FTDI-UMFT231XE-01 Datasheet
813Kb / 18P
   UMFT240XE USB to 8-bit 245 FIFO Development Module
More results

Similar Description - UMFT231XE-01

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT231XQ-R FTDI-FT231XQ-R Datasheet
690Kb / 45P
   USB to FULL HANDSHAKE UART IC
UMFT230XA-02 FTDI-UMFT230XA-02 Datasheet
692Kb / 21P
   UMFT230XA USB to Basic UART Development Module
UM232R FTDI-UM232R Datasheet
764Kb / 19P
   USB- Serial UART Development Module
FT231X FTDI-FT231X Datasheet
829Kb / 44P
   Future Technology Devices International Ltd. FT231X (USB to FULL HANDSHAKE UART IC)
2013 Version 1.2
MM232R FTDI-MM232R Datasheet
1,020Kb / 19P
   Mini USB- Serial UART Development Module
FTPD-1 FTDI-FTPD-1 Datasheet
524Kb / 13P
   Full-Speed USB to UART converter
UMFT201XE FTDI-UMFT201XE Datasheet
781Kb / 23P
   UMFT201XE USB to I2C Development Module
logo
Exar Corporation
XR21V1414 EXAR-XR21V1414_10 Datasheet
306Kb / 32P
   4-CH FULL-SPEED USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
   1-CH FULL-SPEED USB UART
XR21V1414 EXAR-XR21V1414 Datasheet
685Kb / 26P
   4-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com