Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3483EEPA Datasheet(PDF) 2 Page - Union Semiconductor, Inc.

Part # UM3483EEPA
Description  3V to 5.5V-Powered, ESD-Protected, Slew-Rate-Limited, True RS-485 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3483EEPA Datasheet(HTML) 2 Page - Union Semiconductor, Inc.

  UM3483EEPA Datasheet HTML 1Page - Union Semiconductor, Inc. UM3483EEPA Datasheet HTML 2Page - Union Semiconductor, Inc. UM3483EEPA Datasheet HTML 3Page - Union Semiconductor, Inc. UM3483EEPA Datasheet HTML 4Page - Union Semiconductor, Inc. UM3483EEPA Datasheet HTML 5Page - Union Semiconductor, Inc. UM3483EEPA Datasheet HTML 6Page - Union Semiconductor, Inc. UM3483EEPA Datasheet HTML 7Page - Union Semiconductor, Inc. UM3483EEPA Datasheet HTML 8Page - Union Semiconductor, Inc. UM3483EEPA Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.04 Sep.2015
2/18
UM3483E/UM3486E
Ordering Information
Part Number
Operating Temperature
Mark Code
Package Type
UM3483EESA
-40°C to +85°C
UM3483EESA
SOP8
UM3483EEPA
-40°C to +85°C
UM3483EEPA
DIP8
UM3486EESA
-40°C to +85°C
UM3486EESA
SOP8
UM3486EEPA
-40°C to +85°C
UM3486EEPA
DIP8
Selection Guide
Part
Number
Guaranteed
Date Rate
(Mbps)
Low-Power
Shutdown
Slew-Rate
Limited
Driver/
Receiver
Enable
Shutdown
Current
(μA)
Transceivers
On Bus
±15kV
ESD
Protection
UM3483E
0.5
Yes
Yes
Yes
1
256
Yes
UM3486E
2.5
Yes
Yes
Yes
1
256
Yes
Pin Configurations
Top View
1
2
3
4
8
7
6
5
VCC
RO
DE
DI
GND
A
B
RE
UM3483
EESA
XX
XX: Week Code
UM3483EESA
SOP8
UM3486
EESA
XX
XX: Week Code
UM3486EESA
SOP8
1
2
3
4
8
7
6
5
VCC
RO
DE
DI
GND
A
B
RE
UM3483
EEPA
XX
XX: Week Code
UM3483EEPA
DIP8
UM3486
EEPA
XX
XX: Week Code
UM3486EEPA
DIP8


Similar Part No. - UM3483EEPA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3483EEPA UNIONSEMI-UM3483EEPA Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
More results

Similar Description - UM3483EEPA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3085E UNIONSEMI-UM3085E_15 Datasheet
346Kb / 12P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E Datasheet
235Kb / 11P
   짹12kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3085E UNIONSEMI-UM3085E Datasheet
245Kb / 12P
   짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com