Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMFT201XE-01 Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # UMFT201XE-01
Description  UMFT240XE USB to 8-bit 245 FIFO Development Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UMFT201XE-01 Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button UMFT201XE-01 Datasheet HTML 2Page - Future Technology Devices International Ltd. UMFT201XE-01 Datasheet HTML 3Page - Future Technology Devices International Ltd. UMFT201XE-01 Datasheet HTML 4Page - Future Technology Devices International Ltd. UMFT201XE-01 Datasheet HTML 5Page - Future Technology Devices International Ltd. UMFT201XE-01 Datasheet HTML 6Page - Future Technology Devices International Ltd. UMFT201XE-01 Datasheet HTML 7Page - Future Technology Devices International Ltd. UMFT201XE-01 Datasheet HTML 8Page - Future Technology Devices International Ltd. UMFT201XE-01 Datasheet HTML 9Page - Future Technology Devices International Ltd. UMFT201XE-01 Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Copyright © 2012 Future Technology Devices International Limited
UMFT240XE
Version 1.0
Document Reference No.: FT_000653
Clearance No.: FTDI#
295
4.3
CBUS Signal Options
The following options can be configured on the CBUS I/O pins. These options are all configured in the
internal MTP ROM using the utility software FT_PROG, which can be downloaded from the
www.ftdichip.com. The default configuration is described in Section 9.
CBUS Signal
Option
Available On CBUS Pin
Description
Tristate
CBUS5, CBUS6
IO Pad is tri-stated
DRIVE_1
CBUS5, CBUS6
Output a constant 1
DRIVE_0
CBUS5, CBUS6
Output a constant 0
PWREN#
CBUS5, CBUS6
Output is low after the device has been configured by USB, then high
during USB suspend mode. This output can be used to control power to
external logic P-Channel logic level MOSFET switch.
NOTE: This function is driven by an open-drain to ground with no
internal pull-up, this is specially designed to aid battery charging
applications. UMFT240XE connects an on-board 47K pull-up on each
CBUS and DBUS signal.
TXLED#
CBUS5, CBUS6
Transmit data LED drive – open drain pulses low when transmitting data
via USB.
RXLED#
CBUS5, CBUS6
Receive data LED drive – open drain pulses low when receiving data via
USB.
TX&RXLED#
CBUS5, CBUS6
LED drive – open drain pulses low when transmitting or receiving data
via USB.
SLEEP#
CBUS5, CBUS6
Goes low during USB suspend mode. Typically used to power down an
external logic to RS232 level converter IC in USB to RS232 converter
designs. Deactivate SLEEP# option for when connected to a dedicated
charger port, this can be selected when configuring the MTP ROM. When
this option is enabled SLEEP# is driven high when FT240X is connected
to a Dedicated Charger Port.
CLK24MHz
CBUS5, CBUS6
24 MHz Clock output.**
CLK12MHz
CBUS5, CBUS6
12 MHz Clock output.**
CLK6MHz
CBUS5, CBUS6
6 MHz Clock output.**
BCD_Charger
CBUS5, CBUS6
Battery Charge Detect indicates when the device is connected to a
dedicated battery charger host. Active high output. NOTE: Requires a
10K pull-down to remove power up toggling.
BCD_Charger#
CBUS5, CBUS6
Active low BCD Charger, driven by an open drain to ground with no
internal pull-up (4.7K on board pull-up present).
BitBang_WR#
CBUS5, CBUS6
Synchronous and asynchronous bit bang mode WR# strobe output.
BitBang_RD#
CBUS5, CBUS6
Synchronous and asynchronous bit bang mode RD# strobe output.
VBUS Sense
CBUS5, CBUS6
Input to detect when VBUS is present.
Time Stamp
CBUS5, CBUS6
Toggle signal which changes state each time a USB SOF is received
Keep_Awake#
CBUS5, CBUS6
Active Low input, prevents the chip from going into suspend.
Table 4.2 – CBUS Signal Options
**When in USB suspend mode the outputs clocks are also suspended.


Similar Part No. - UMFT201XE-01

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
UMFT201XE-01 FTDI-UMFT201XE-01 Datasheet
781Kb / 23P
   UMFT201XE USB to I2C Development Module
UMFT201XE-01 FTDI-UMFT201XE-01 Datasheet
770Kb / 18P
   UMFT221XE USB to 8-bit SPI/FT1248 Development Module
UMFT201XE-01 FTDI-UMFT201XE-01 Datasheet
773Kb / 18P
   UMFT231XE USB to Full-Handshake UART Development Module
More results

Similar Description - UMFT201XE-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USBMOD4 ETC2-USBMOD4 Datasheet
241Kb / 12P
   USB Plug and Play Parallel 8-Bit FIFO Development Module (Second Generation)
logo
Future Technology Devic...
UMFT221XE FTDI-UMFT221XE Datasheet
770Kb / 18P
   UMFT221XE USB to 8-bit SPI/FT1248 Development Module
FT240XS-R FTDI-FT240XS-R Datasheet
754Kb / 40P
   USB 8-BIT FIFO IC
UM245R FTDI-UM245R Datasheet
659Kb / 19P
   USB-Parallel FIFO Development Module Incorporating FTDIChip-ID??Security Dongle
logo
List of Unclassifed Man...
DLP-USB1 ETC1-DLP-USB1 Datasheet
63Kb / 6P
   USB to FIFO Parallel Interface Module
logo
Future Technology Devic...
UMFT201XE FTDI-UMFT201XE Datasheet
781Kb / 23P
   UMFT201XE USB to I2C Development Module
UMFT230XA-02 FTDI-UMFT230XA-02 Datasheet
692Kb / 21P
   UMFT230XA USB to Basic UART Development Module
UMFT231XE FTDI-UMFT231XE Datasheet
773Kb / 18P
   UMFT231XE USB to Full-Handshake UART Development Module
UM232R FTDI-UM232R Datasheet
764Kb / 19P
   USB- Serial UART Development Module
logo
List of Unclassifed Man...
PIC1665 ETC1-PIC1665 Datasheet
430Kb / 10P
   8-Bit Development Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com