Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G04DCKRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G04DCKRG4
Description  DUAL INVERTER GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G04DCKRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC2G04DCKRG4 Datasheet HTML 1Page - Texas Instruments SN74LVC2G04DCKRG4 Datasheet HTML 2Page - Texas Instruments SN74LVC2G04DCKRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC2G04DCKRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC2G04DCKRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G04DCKRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G04DCKRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G04DCKRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G04DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
Recommended Operating Conditions
(1)
SN74LVC2G04
DUAL INVERTER GATE
SCES195J – APRIL 1999 – REVISED JULY 2005
MIN
MAX
UNIT
Operating
1.65
5.5
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65
× V
CC
VCC = 2.3 V to 2.7 V
1.7
VIH
High-level input voltage
V
VCC = 3 V to 3.6 V
2
VCC = 4.5 V to 5.5 V
0.7
× V
CC
VCC = 1.65 V to 1.95 V
0.35
× V
CC
VCC = 2.3 V to 2.7 V
0.7
VIL
Low-level input voltage
V
VCC = 3 V to 3.6 V
0.8
VCC = 4.5 V to 5.5 V
0.3
× V
CC
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
–16
mA
VCC = 3 V
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
∆t/∆v
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
10
ns/V
VCC = 5 V ± 0.5 V
5
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3


Similar Part No. - SN74LVC2G04DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G04DCKRG4 TI-SN74LVC2G04DCKRG4 Datasheet
388Kb / 15P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04DCKRG4 TI-SN74LVC2G04DCKRG4 Datasheet
518Kb / 14P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04DCKRG4 TI-SN74LVC2G04DCKRG4 Datasheet
635Kb / 15P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04DCKRG4 TI-SN74LVC2G04DCKRG4 Datasheet
737Kb / 16P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04DCKRG4 TI1-SN74LVC2G04DCKRG4 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Inverter Gate
More results

Similar Description - SN74LVC2G04DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G04 TI-SN74LVC2G04_07 Datasheet
388Kb / 15P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04-EP TI1-SN74LVC2G04-EP Datasheet
531Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
logo
Diodes Incorporated
74LVC2G04 DIODES-74LVC2G04 Datasheet
226Kb / 12P
   DUAL INVERTER GATE
logo
Texas Instruments
SN74LVC2G04 TI1-SN74LVC2G04_18 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Inverter Gate
SN74LVC2G04 TI-SN74LVC2G04_10 Datasheet
635Kb / 15P
[Old version datasheet]   DUAL INVERTER GATE
SN74AUC2GU04 TI-SN74AUC2GU04 Datasheet
587Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04_1 Datasheet
598Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2GU04 TI-SN74LVC2GU04 Datasheet
199Kb / 12P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_08 Datasheet
518Kb / 14P
[Old version datasheet]   DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04 Datasheet
481Kb / 12P
[Old version datasheet]   DUAL INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com