Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMFT221XE-01 Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # UMFT221XE-01
Description  UMFT240XE USB to 8-bit 245 FIFO Development Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UMFT221XE-01 Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  UMFT221XE-01 Datasheet HTML 1Page - Future Technology Devices International Ltd. UMFT221XE-01 Datasheet HTML 2Page - Future Technology Devices International Ltd. UMFT221XE-01 Datasheet HTML 3Page - Future Technology Devices International Ltd. UMFT221XE-01 Datasheet HTML 4Page - Future Technology Devices International Ltd. UMFT221XE-01 Datasheet HTML 5Page - Future Technology Devices International Ltd. UMFT221XE-01 Datasheet HTML 6Page - Future Technology Devices International Ltd. UMFT221XE-01 Datasheet HTML 7Page - Future Technology Devices International Ltd. UMFT221XE-01 Datasheet HTML 8Page - Future Technology Devices International Ltd. UMFT221XE-01 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Copyright © 2012 Future Technology Devices International Limited
UMFT240XE
Version 1.0
Document Reference No.: FT_000653
Clearance No.: FTDI#
295
Table of Contents
1
Introduction ................................................................................... 1
1.1
Features........................................................................................................ 1
2
Driver Support................................................................................ 3
3
Ordering Information ..................................................................... 3
4
UMFT240XE Signals and Configurations ......................................... 4
4.1
UMFT240XE Pin Out ...................................................................................... 4
4.2
Signal Descriptions ....................................................................................... 5
4.3
CBUS Signal Options ..................................................................................... 6
5
Module Configurations.................................................................... 7
5.1
Jumper Configuration Options....................................................................... 7
5.2
BUS Powered Configuration .......................................................................... 8
5.3
Self Powered Configuration........................................................................... 9
5.4
USB Bus Powered with Power Switching Configuration .............................. 10
5.5
Variable IO Voltage Supply ......................................................................... 11
5.6
3.3V Voltage Supply .................................................................................... 12
5.7
Configuring the MTP ROM............................................................................ 12
6
Module Dimensions ...................................................................... 13
7
UMFT240XE Module Circuit Schematic .......................................... 14
8
Internal MTP ROM Configuration .................................................. 15
9
Contact Information ..................................................................... 16
Appendix A - List of Figures and Tables................................................................. 17
Appendix B – Revision History .............................................................................. 18


Similar Part No. - UMFT221XE-01

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
UMFT221XE-01 FTDI-UMFT221XE-01 Datasheet
781Kb / 23P
   UMFT201XE USB to I2C Development Module
UMFT221XE-01 FTDI-UMFT221XE-01 Datasheet
770Kb / 18P
   UMFT221XE USB to 8-bit SPI/FT1248 Development Module
UMFT221XE-01 FTDI-UMFT221XE-01 Datasheet
773Kb / 18P
   UMFT231XE USB to Full-Handshake UART Development Module
More results

Similar Description - UMFT221XE-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USBMOD4 ETC2-USBMOD4 Datasheet
241Kb / 12P
   USB Plug and Play Parallel 8-Bit FIFO Development Module (Second Generation)
logo
Future Technology Devic...
UMFT221XE FTDI-UMFT221XE Datasheet
770Kb / 18P
   UMFT221XE USB to 8-bit SPI/FT1248 Development Module
FT240XS-R FTDI-FT240XS-R Datasheet
754Kb / 40P
   USB 8-BIT FIFO IC
UM245R FTDI-UM245R Datasheet
659Kb / 19P
   USB-Parallel FIFO Development Module Incorporating FTDIChip-ID??Security Dongle
logo
List of Unclassifed Man...
DLP-USB1 ETC1-DLP-USB1 Datasheet
63Kb / 6P
   USB to FIFO Parallel Interface Module
logo
Future Technology Devic...
UMFT201XE FTDI-UMFT201XE Datasheet
781Kb / 23P
   UMFT201XE USB to I2C Development Module
UMFT230XA-02 FTDI-UMFT230XA-02 Datasheet
692Kb / 21P
   UMFT230XA USB to Basic UART Development Module
UMFT231XE FTDI-UMFT231XE Datasheet
773Kb / 18P
   UMFT231XE USB to Full-Handshake UART Development Module
UM232R FTDI-UM232R Datasheet
764Kb / 19P
   USB- Serial UART Development Module
logo
List of Unclassifed Man...
PIC1665 ETC1-PIC1665 Datasheet
430Kb / 10P
   8-Bit Development Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com