Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3502QA Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM3502QA
Description  Low-Profile, 600mA, Synchronous Step-Down Converter with Integrated Inductor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3502QA Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM3502QA Datasheet HTML 1Page - Union Semiconductor, Inc. UM3502QA Datasheet HTML 2Page - Union Semiconductor, Inc. UM3502QA Datasheet HTML 3Page - Union Semiconductor, Inc. UM3502QA Datasheet HTML 4Page - Union Semiconductor, Inc. UM3502QA Datasheet HTML 5Page - Union Semiconductor, Inc. UM3502QA Datasheet HTML 6Page - Union Semiconductor, Inc. UM3502QA Datasheet HTML 7Page - Union Semiconductor, Inc. UM3502QA Datasheet HTML 8Page - Union Semiconductor, Inc. UM3502QA Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Nov.2015
3/13
UM3502QA
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Value
Unit
VIN, VOUT
Input and Output Voltages
-0.3 to +6.0
V
VEN, VFB
EN, FB Voltages
-0.3 to VIN+0.3
V
VSW
SW Voltage
-0.3 to VIN+0.3
V
ISW
Peak SW Sink and Source Current
1.5
A
TO
Operating Temperature
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TREFLOW
Reflow Temperature,
MSL3 JEDEC J-STD-020C, 10 Sec
260
°C
Note 1: Stresses greater than those listed under Maximum Ratings may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
Electrical Characteristics (Note 2)
(VIN=VEN=3.6V, TA=+25°C, CIN=4.7μF, COUT=10μF, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage Range
2.5
5.5
V
VOUT
Output Voltage Range
0.6
5
V
IO(max)
Maximum Output Current
VIN≥3V, VOUT=1.8V
600
mA
VIN=2.5V, VOUT=1.8V
300
IQ
(Active)
Input DC Supply Current
(Active Mode)
VFB=0.6V, ILOAD=0A
60
μA
IQ
(Shutdown)
Input DC Supply Current
(Shutdown Mode)
VEN=0V
0.1
1.0
μA
VFB
Feedback Voltage
0.5880
0.6000
0.6120
V
TA=-40~85°C
0.5830
0.6000
0.6150
IFB
FB Input Bias Current
VFB=0.65V
±30
nA
Reference Voltage Line
Regulation
2.5V≤V
IN≤5.5V,
VOUT=VFB (R2=0)
0.11
0.40
%/V
Output Voltage Line
Regulation
2.5V≤V
IN≤5.5V,
IOUT=10mA
0.11
0.40
%/V
Output Voltage Load
Regulation
100mA≤I
OUT≤600mA
0.0015
%/mA
f
Oscillator Frequency
VFB=0.6V or
VOUT=100%
1.2
MHz
RDS(ON)
RDS(ON) of P-CH MOSFET
VIN=3.6V,
ISW=100mA
0.45
0.55
Ω
RDS(ON) of N-CH MOSFET
VIN=3.6V,
ISW=-100mA
0.30
0.40
Ω
Internal Inductor DCR
0.18
0.23
Ω
IP
Peak Inductor Current
VIN=3.0V, VFB=0.5V
or VOUT=90%,
Duty Cycle<35%
0.90
1.20
1.60
A


Similar Part No. - UM3502QA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
List of Unclassifed Man...
UM3501 ETC1-UM3501 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
logo
Union Semiconductor, In...
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
More results

Similar Description - UM3502QA

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2104DJ-00A MPS-EV2104DJ-00A Datasheet
159Kb / 4P
   600mA Synchronous Buck Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1680 YOBON-YB1680 Datasheet
862Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Advanced Power Electron...
APE1501 A-POWER-APE1501 Datasheet
728Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2104 MPS-MP2104 Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001_15 Datasheet
259Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8906A SHOUDING-SD8906A Datasheet
1Mb / 7P
   600mA, 1.5MHz Synchronous Step-Down Converter
logo
ADDtek Corp
AMC3100 ADDTEK-AMC3100 Datasheet
344Kb / 10P
   1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
JUNE 2006
logo
Exar Corporation
SP6669 EXAR-SP6669 Datasheet
745Kb / 10P
   1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
logo
Eutech Microelectronics...
EUP3406 EUTECH-EUP3406 Datasheet
730Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com