Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3510 Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM3510
Description  1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3510 Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM3510_16 Datasheet HTML 1Page - Union Semiconductor, Inc. UM3510_16 Datasheet HTML 2Page - Union Semiconductor, Inc. UM3510_16 Datasheet HTML 3Page - Union Semiconductor, Inc. UM3510_16 Datasheet HTML 4Page - Union Semiconductor, Inc. UM3510_16 Datasheet HTML 5Page - Union Semiconductor, Inc. UM3510_16 Datasheet HTML 6Page - Union Semiconductor, Inc. UM3510_16 Datasheet HTML 7Page - Union Semiconductor, Inc. UM3510_16 Datasheet HTML 8Page - Union Semiconductor, Inc. UM3510_16 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jan.2016
4/13
UM3510
Electrical Characteristics
(VIN=VEN=3.6V, TA=+25ºC, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
SUPPLY
VIN
Input Voltage Range
2.5
6.0
V
UVLO
Under Voltage Lockout
Threshold
Falling Edge
1.8
2.3
V
UVLO_HYS
Under Voltage Lockout
Hysteresis
200
mV
IQ
Input DC Supply
Current (MODE=GND)
ILOAD=0mA
56
80
μA
Input DC Supply
Current (MODE=VIN)
ILOAD=0mA
5.6
mA
ISD
Input Supply Current
(Shutdown Mode)
VFB=0V, VIN=6.0V
0.1
1.0
μA
OUTPUT
VFB
Regulated Feedback
Voltage
TA=+25ºC
0.588
0.600
0.612
V
IFB
FB Input Bias Current
VFB=0.65V
30
nA
Output Voltage Line
Regulation
2.5V≤VIN≤6.0V,
IOUT=10mA,
MODE=VIN/GND
0.10
0.20
%/V
Output Voltage Load
Regulation
0.1A≤IOUT≤1A
0.5
%/A
IO(MAX)
Maximum Output
Current
1000
mA
tSS
Soft Start Time
400
μs
ISWL
SW Leakage
VEN=0V, VIN=6V,
VSW=0V or 6V
±0.01
±1
μA
POWER SWITCH
RDS(ON)
RDS(ON) of P-CH
MOSFET
VIN=3.6V,
ISW=100mA
0.25
0.30
Ω
RDS(ON) of N-CH
MOSFET
VIN=3.6,
ISW=-100mA
0.18
0.23
Ω
IP
Peak Inductor Current
VIN=2.5V to 6.0V
1.6
1.8
2.0
A
Thermal Shutdown
Temperature
150
ºC
Thermal Shutdown
Temperature Hysteresis
20
ºC
OSILLATOR
f
Oscillator Frequency
1.95
2.25
2.55
MHz
ENABLE, MODE
VIH
High-Level Threshold
1.2
V
VIL
Low-Level Threshold
0.4
V
II
Input Leakage Current
0.1
1
μA


Similar Part No. - UM3510_16

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510 Datasheet
221Kb / 10P
   1.0A, 1.5MHz, Synchronous Step-Down DC-DC Converter
More results

Similar Description - UM3510_16

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3402 EUTECH-EUP3402 Datasheet
128Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3292 EUTECH-EUP3292 Datasheet
658Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8057A RICHTEK-RT8057A Datasheet
283Kb / 12P
   2.25MHz 1A Synchronous Step-Down Converter
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
   2.25MHz 1A Synchronous Step-Down Converter
logo
Linear Technology
LTC3542-1 LINER-LTC3542-1_15 Datasheet
232Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com