Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B40S2A Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # B40S2A
Description  SMD Single Phase Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

B40S2A Datasheet(HTML) 2 Page - Diotec Semiconductor

  B40S2A_16 Datasheet HTML 1Page - Diotec Semiconductor B40S2A_16 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B40S2A ... B380S2A
Characteristics
Kennwerte
Max. average forward rectified current
Dauergrenzstrom
TA = 50°C
R-load
C-load
IFAV
IFAV
2.3 A 1)
1.9 A 1)
Forward voltage – Durchlass-Spannung
Tj = 25°C
IF = 2 A
VF
< 0.95 V 2)
Leakage current – Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 5 µA
Reverse recovery time – Sperrverzug
IF = 0.5 A through/über IR = 1 A to IR = 0.25 A trr
typ. 1500 ns 2)
Typical junction capacitance – Typische Sperrschichtkapazität
VR = 4 V
Cj
14 pF 2)
Thermal resistance junction to ambient
Wärmewiderstand Sperrschicht – Umgebung
RthA
< 30 K/W 1)
Type
Typ
Min. required protective resistor
Min. erforderl. Schutzwiderstand
Rt [Ω] 3)
Max. admissible load capacitor
Max. zulässiger Ladekondensator
CL [µF] 4)
B40S2A
1.3
4000
B80S2A
2.5
2000
B125S2A
4.0
1250
B250S2A
10.0
500
B380S2A
12.5
400
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on P.C. Board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Valid per diode – Gültig pro Diode
3
Rt = VRRM / IFSM
Rt is the equivalent resistance of any protective element which ensures that IFSM is not exceeded
Rt ist der Ersatzwiderstand eines jeglichen Schutzelementes, welches ein Überschreiten von IFSM verhindert
4
CL = 5 ms / Rt
If the Rt CL time constant is less than a quarter of the 50Hz mains period, CL can be charged completely in a
single half wave of the mains. Hence, IFSM occurs as a single pulse only!
Falls die Rt CL Zeitkonstante kleiner ist als ¼ der 50Hz-Netzperiode, kann CL innerhalb einer einzigen
Netzhalbwelle komplett geladen werden. IFSM tritt dann nur als Einzelpuls auf!
2
http://www.diotec.com/
© Diotec Semiconductor AG
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
125a-(3a-0.95v)
R
t
3)
C
L
4)
~
~
+
_
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
I
FAV
[%]
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0


Similar Part No. - B40S2A_16

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
B40S2A DIOTEC-B40S2A_17 Datasheet
162Kb / 2P
   SMD Single Phase Bridge Rectifier
B40S2A DIOTEC-B40S2A_18 Datasheet
190Kb / 2P
   SMD Single Phase Bridge Rectifier
More results

Similar Description - B40S2A_16

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ABS15D DIOTEC-ABS15D Datasheet
177Kb / 2P
   SMD Single Phase Bridge Rectifier
S40 DIOTEC-S40_18 Datasheet
187Kb / 2P
   SMD Single Phase Bridge Rectifier
B40S DIOTEC-B40S_18 Datasheet
188Kb / 2P
   SMD Single Phase Bridge Rectifier
S40 DIOTEC-S40_17 Datasheet
159Kb / 2P
   SMD Single Phase Bridge Rectifier
B40S2A DIOTEC-B40S2A_17 Datasheet
162Kb / 2P
   SMD Single Phase Bridge Rectifier
B40S15A DIOTEC-B40S15A_18 Datasheet
188Kb / 2P
   SMD Single Phase Bridge Rectifier
S125K DIOTEC-S125K_18 Datasheet
219Kb / 3P
   SMD Single Phase Bridge Rectifier
B40S2A DIOTEC-B40S2A_18 Datasheet
190Kb / 2P
   SMD Single Phase Bridge Rectifier
MB2S DIOTEC-MB2S_17 Datasheet
184Kb / 2P
   SMD Single Phase Bridge Rectifier
B40S DIOTEC-B40S_17 Datasheet
161Kb / 2P
   SMD Single Phase Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com