Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK20C04-W35I Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # STK20C04-W35I
Description  CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK20C04-W35I Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STK20C04-W35I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK20C04-W35I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK20C04-W35I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK20C04-W35I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK20C04-W35I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK20C04-W35I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK20C04-W35I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK20C04-W35I Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STK20C04
2-41
SYMBOLS
STK20C04-30
STK20C04-35
STK20C04-45
NO.
PARAMETER
UNITS
READ CYCLES #1 & #2
(VCC = 5.0V ± 10%)
Note c: Bringing E high will not produce standby currents until any nonvolatile cycle in progress has timed out. See MODE SELECTION table.
Note e: Parameter guaranteed but not tested.
Note f: NE must be high during entire cycle.
Note g: For READ CYCLE #1 and #2, W and NE must be high for entire cycle.
Note h: Device is continuously selected with E low and G low.
Note i: Measured
± 200mV from steady state output voltage.
READ CYCLE #1 f,g,h
W
DQ (Data Out)
ADDRESS
DATA VALID
5
tAXQX
11A
tWHQV
2
tAVAVR
3
tAVQV
READ CYCLE #2 f,g
ADDRESS
E
G
DQ (Data Out)
DATA VALID
ICC
W
2
tAVAVR
1
tELQV
6
tELQX
4
tGLQV
8
tGLQX
11
tEHICCL
7
tEHQZ
9
tGHQZ
10
tELICCH
11A
tWHQV
ACTIVE
STANDBY
1tELQV
tACS
Chip Enable Access Time
30
35
45
ns
2tAVAVR
g
tRC
Read Cycle Time
30
35
45
ns
3tAVQV
h
tAA
Address Access Time
30
35
45
ns
4tGLQV
tOE
Output Enable to Data Valid
15
20
25
ns
5tAXQX
tOH
Output Hold After Address Change
5
5
5
ns
6tELQX
tLZ
Chip Enable to Output Active
5
5
5
ns
7tEHQZ
i
tHZ
Chip Disable to Output Inactive
18
20
25
ns
8tGLQX
tOLZ
Output Enable to Output Active
0
0
0
ns
9tGHQZ
i
tOHZ
Output Disable to Output Inactive
18
20
25
ns
10
tELICCH
e
tPA
Chip Enable to Power Active
0
0
0
ns
11
tEHICCL
c,e
tPS
Chip Disable to Power Standby
25
25
25
ns
11A
tWHQV
tWR
Write Recovery Time
35
45
55
ns
#1, #2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX


Similar Part No. - STK20C04-W35I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK20C04-W35I SIMTEK-STK20C04-W35I Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Similar Description - STK20C04-W35I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com