Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM6501 Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # UM6501
Description  Multi-line ESD/EMI Protections for Signal Lines
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM6501 Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

Back Button UM6501 Datasheet HTML 4Page - Union Semiconductor, Inc. UM6501 Datasheet HTML 5Page - Union Semiconductor, Inc. UM6501 Datasheet HTML 6Page - Union Semiconductor, Inc. UM6501 Datasheet HTML 7Page - Union Semiconductor, Inc. UM6501 Datasheet HTML 8Page - Union Semiconductor, Inc. UM6501 Datasheet HTML 9Page - Union Semiconductor, Inc. UM6501 Datasheet HTML 10Page - Union Semiconductor, Inc. UM6501 Datasheet HTML 11Page - Union Semiconductor, Inc. UM6501 Datasheet HTML 12Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
___________________________________________________________________________
http://www.union-ic.com Rev.03 Apr.2016
8/12
UM4501/4511/6501/8501/8511
UM4511: DFN8 1.7×1.3
Outline Drawing
Side View
D2
D
e
b
(Pin #1 ID)
C'0.2×45º
Top View
Bottom View
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Typ
Max
Min
Typ
Max
A
0.45
0.55
0.60
0.018
0.022
0.024
A1
0.00
-
0.05
0.000
-
0.002
A3
0.15REF
0.006REF
b
0.15
0.20
0.25
0.006
0.008
0.010
D
1.624
1.70
1.776
0.064
0.067
0.070
D2
0.85
-
1.40
0.033
-
0.055
E
1.25
1.30
1.426
0.049
0.051
0.056
E2
0.20
-
0.50
0.008
-
0.020
e
0.40TYP
0.016TYP
L
0.17
-
0.37
0.007
-
0.015
Land Pattern
0.40
0.20
1.70
1.30
NOTES:
1. Compound dimension: 1.70×1.30;
2. Unit: mm;
3.General
tolerance
±0.05mm
unless
otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation
M


Similar Part No. - UM6501

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM6522 UMC-UM6522 Datasheet
1Mb / 17P
   VERSATILE INTERFACE ADAPTER
UM6522A UMC-UM6522A Datasheet
1Mb / 17P
   VERSATILE INTERFACE ADAPTER
UM6522A UMC-UM6522A Datasheet
791Kb / 17P
   Versatile Interface Adapter (VIA)
UM6551 UMC-UM6551 Datasheet
515Kb / 9P
   ON CHIP BAUD RATE GENERATOR
logo
List of Unclassifed Man...
UM6551 ETC1-UM6551 Datasheet
58Kb / 1P
   Asynchronous Communication Interface Adapter
More results

Similar Description - UM6501

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM8511 UNIONSEMI-UM8511 Datasheet
282Kb / 7P
   8 Line ESD/EMI Protections for Color LCD Interfaces
logo
Vishay Siliconix
VEMI355A-HAF VISHAY-VEMI355A-HAF_V01 Datasheet
881Kb / 6P
   3-Channel EMI-Filter with ESD-ProtectionS
01-Jan-2022
logo
Union Semiconductor, In...
UM4701 UNIONSEMI-UM4701_16 Datasheet
346Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4601 UNIONSEMI-UM4601 Datasheet
410Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4701 UNIONSEMI-UM4701 Datasheet
360Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4601 UNIONSEMI-UM4601_16 Datasheet
438Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
logo
Vishay Siliconix
VEMI85AB-HGK VISHAY-VEMI85AB-HGK_V01 Datasheet
123Kb / 6P
   8-Channel EMI-Filter with ESD-Protections
01-Jan-2022
logo
STMicroelectronics
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
   2-line ESD protection for high speed lines
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
   4-line ESD protection for high speed lines
HSP051-4M10 STMICROELECTRONICS-HSP051-4M10 Datasheet
566Kb / 12P
   4-line ESD protection for high speed lines
November 2014 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com