Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3730P-27 Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM3730P-27
Description  150mA, Micropower, Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3730P-27 Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM3730P-27 Datasheet HTML 1Page - Union Semiconductor, Inc. UM3730P-27 Datasheet HTML 2Page - Union Semiconductor, Inc. UM3730P-27 Datasheet HTML 3Page - Union Semiconductor, Inc. UM3730P-27 Datasheet HTML 4Page - Union Semiconductor, Inc. UM3730P-27 Datasheet HTML 5Page - Union Semiconductor, Inc. UM3730P-27 Datasheet HTML 6Page - Union Semiconductor, Inc. UM3730P-27 Datasheet HTML 7Page - Union Semiconductor, Inc. UM3730P-27 Datasheet HTML 8Page - Union Semiconductor, Inc. UM3730P-27 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.03 May.2015
4/11
UM3730
Available Voltage Version (Continued)
Part Number
Output Voltage
Packaging Type
Marking Code
Shipping Qty
UM3730P-10
1.0V
SOT353
UJA
3000pcs/7Inch
Tape & Reel
UM3730P-11
1.1V
UJB
UM3730P-12
1.2V
UJ2
UM3730P-13
1.3V
UJ3
UM3730P-14
1.4V
UJ4
UM3730P-15
1.5V
UJ5
UM3730P-16
1.6V
UJ6
UM3730P-17
1.7V
UJ7
UM3730P-18
1.8V
UJ8
UM3730P-19
1.9V
UJ9
UM3730P-20
2.0V
UJC
UM3730P-21
2.1V
UKB
UM3730P-22
2.2V
UK2
UM3730P-23
2.3V
UK3
UM3730P-24
2.4V
UK4
UM3730P-25
2.5V
UK5
UM3730P-26
2.6V
UK6
UM3730P-27
2.7V
UK7
UM3730P-28
2.8V
UK8
UM3730P-29
2.9V
UK9
UM3730P-30
3.0V
UKC
UM3730P-31
3.1V
UNB
UM3730P-32
3.2V
UN2
UM3730P-33
3.3V
UN3
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Value
Unit
VIN
Supply Voltage on VIN Pin
-0.3 to +7.5
V
VOUT
Voltage on VOUT Pin
-0.3 to +7.5
V
TJ
Operating Junction Temperature (Notes 2, 3)
-40 to +125
°C
TSTG
Storage Temperature Range
-55 to +150
°C
TL
Lead Temperature for Soldering 10 seconds
+260
°C
θ
JA
(Notes 4)
Package Thermal Resistance
DFN4 1.0×1.0
250
°C/W
SOT353
256
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Note 2: The UM3730 is tested and specified under pulse load conditions such that TJ≈TA. Specifications
over the –40
°C to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls.
Note 3: This IC includes over temperature protection that is intended to protect the device during
momentary overload conditions.
Note 4: The maximum allowable power dissipation of any TA(ambient temperature) is PDMAX = (TJMAX -
TA)/ θJA. Exceeding the maximum allowable power dissipation will result in excessive die
temperature and the regulator will go into thermal shutdown.


Similar Part No. - UM3730P-27

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3730P-27 UNIONSEMI-UM3730P-27 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
More results

Similar Description - UM3730P-27

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
logo
Semtech Corporation
SC112 SEMTECH-SC112 Datasheet
58Kb / 5P
   150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
logo
Cherry Semiconductor Co...
CS8321 CHERRY-CS8321 Datasheet
164Kb / 6P
   Micropower 5V, 150mA Low Dropout Linear Regulator
logo
Semtech Corporation
SC11222CSK.TR SEMTECH-SC11222CSK.TR Datasheet
140Kb / 5P
   150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
   Low Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com