Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM8501 Datasheet(PDF) 10 Page - Union Semiconductor, Inc.

Part # UM8501
Description  Multi-line ESD/EMI Protections for Signal Lines
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM8501 Datasheet(HTML) 10 Page - Union Semiconductor, Inc.

Back Button UM8501 Datasheet HTML 4Page - Union Semiconductor, Inc. UM8501 Datasheet HTML 5Page - Union Semiconductor, Inc. UM8501 Datasheet HTML 6Page - Union Semiconductor, Inc. UM8501 Datasheet HTML 7Page - Union Semiconductor, Inc. UM8501 Datasheet HTML 8Page - Union Semiconductor, Inc. UM8501 Datasheet HTML 9Page - Union Semiconductor, Inc. UM8501 Datasheet HTML 10Page - Union Semiconductor, Inc. UM8501 Datasheet HTML 11Page - Union Semiconductor, Inc. UM8501 Datasheet HTML 12Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
___________________________________________________________________________
http://www.union-ic.com Rev.03 Apr.2016
10/12
UM4501/4511/6501/8501/8511
UM8501: DFN16 4.0×1.6
Outline Drawing
PIN 1 DOT
BY MARKING
D
Top View
e
b
D2
Bottom View
Side View
(Pin #1 ID)
C'0.2×45º
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Typ
Max
Min
Typ
Max
A
0.50
-
0.80
0.020
-
0.031
A1
0.00
-
0.05
0.000
-
0.002
A3
0.203REF
0.008REF
b
0.15
-
0.30
0.006
-
0.012
D
3.924
4.00
4.076
0.154
0.157
0.160
D2
2.95
-
3.30
0.116
-
0.130
E
1.524
1.60
1.676
0.060
0.063
0.066
E2
0.30
-
0.60
0.012
-
0.024
e
0.50TYP
0.020TYP
L
0.15
-
0.38
0.006
-
0.015
Land Pattern
0.50
3.20
4.00
0.25
NOTES:
1. Compound dimension: 4.00×1.60;
2. Unit: mm;
3. General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation


Similar Part No. - UM8501

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM8511 UNIONSEMI-UM8511 Datasheet
282Kb / 7P
   8 Line ESD/EMI Protections for Color LCD Interfaces
UM8515 UNIONSEMI-UM8515 Datasheet
327Kb / 5P
   20V P-Channel Power MOSFET
UM8515 UNIONSEMI-UM8515_16 Datasheet
151Kb / 5P
   20V P-Channel Power MOSFET
UM8516 UNIONSEMI-UM8516 Datasheet
275Kb / 5P
   20V P-Channel Power MOSFET
UM8516 UNIONSEMI-UM8516_16 Datasheet
256Kb / 5P
   20V P-Channel Power MOSFET
More results

Similar Description - UM8501

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM8511 UNIONSEMI-UM8511 Datasheet
282Kb / 7P
   8 Line ESD/EMI Protections for Color LCD Interfaces
logo
Vishay Siliconix
VEMI355A-HAF VISHAY-VEMI355A-HAF_V01 Datasheet
881Kb / 6P
   3-Channel EMI-Filter with ESD-ProtectionS
01-Jan-2022
logo
Union Semiconductor, In...
UM4701 UNIONSEMI-UM4701_16 Datasheet
346Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4601 UNIONSEMI-UM4601 Datasheet
410Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4701 UNIONSEMI-UM4701 Datasheet
360Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4601 UNIONSEMI-UM4601_16 Datasheet
438Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
logo
Vishay Siliconix
VEMI85AB-HGK VISHAY-VEMI85AB-HGK_V01 Datasheet
123Kb / 6P
   8-Channel EMI-Filter with ESD-Protections
01-Jan-2022
logo
STMicroelectronics
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
   2-line ESD protection for high speed lines
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
   4-line ESD protection for high speed lines
HSP051-4M10 STMICROELECTRONICS-HSP051-4M10 Datasheet
566Kb / 12P
   4-line ESD protection for high speed lines
November 2014 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com