Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1M Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # S1M
Description  Standard Recovery SMD Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

S1M Datasheet(HTML) 1 Page - Diotec Semiconductor

  S1M Datasheet HTML 1Page - Diotec Semiconductor S1M Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S1A ... S1Y
S1A ... S1Y
Standard Recovery SMD Rectifier Diodes
SMD-Gleichrichterdioden mit Standard-Sperrverzug
IFAV = 1 A
VF
< 1.1 V
Tjmax = 150°C
VRRM = 50...2000 V
IFSM = 30/32 A
trr
~ 1500 ns
Version 2015-12-09
~ SMA / ~ DO-214AC
Dimensions - Maße [mm]
Typical Applications
50/60 Hz Mains Rectification,
Power Supplies, Polarity Protection
Commercial grade 1)
Typische Anwendungen
50/60 Hz Netzgleichrichtung,
Stromversorgungen, Verpolschutz
Standardausführung 1)
Features
VRRM up to 2000 V
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
VRRM bis zu 2000 V
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
7500 / 13“
Gegurtet auf Rolle
Weight approx.
0.07 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings 2)
Grenzwerte 2)
Type
Typ
(Repetitive) Peak reverse volt.
(Periodische-)Spitzensperrspg.
Average forward current
Dauergrenzstrom
TT = 100°C
Repet. peak forward curr.
Periodischer Spitzenstrom
f > 15 Hz 3)
Peak forw. surge curr.
Stoßstrom
50/60 Hz (10/8.3 ms)
VRRM [V] / VRSM [V]
IFAV [A]
IFRM [A]
IFSM [A]
S1A
50
1
6
30/32
S1B
100
1
6
30/32
S1D
200
1
6
30/32
S1G
400
1
6
30/32
S1J
600
1
6
30/32
S1K
800
1
6
30/32
S1M
1000
1
6
30/32
S1T
1300
1
6
30/32
S1W
1600
1
6
30/32
S1X
1800
1
6
30/32
S1Y
2000
1
6
30/32
Characteristics
Kennwerte
Forward voltage – Durchlass-Spannung
IF = 1 A
VF
< 1.1
Leakage current
Sperrstrom
VR = VRRM
Tj = 25°C
Tj = 100°C
IR
IR
< 5 µA
< 50µA
Rating for fusing, t < 10 ms – Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
4.5 A2s
Reverse recovery time – Sperrverzug
IF = 0.5 A through/über IR = 1 A to IR = 0.25 A
trr
typ. 1500 ns
Junction/Storage temperature – Sperrschicht-/Lagerungstemperatur
Tj/S
-50...+150°C
Thermal resistance junction-ambient − Wärmewiderstand Sperrschicht-Umgebung
Thermal resistance junction-terminal − Wärmewiderstand Sperrschicht-Anschluss
RthA
RthT
< 75 K/W 3)
< 30 K/W
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
Tj = 25°C unless otherwise specified – Tj = 25°C wenn nicht anders angegeben
3
Mounted on P.C. board with 60 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 60 mm2 Kupferpad je Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
Type
Typ
0.15
1± 0.3
4.5± 0.3
5± 0.2
Pb
RoHS


Similar Part No. - S1M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1M PANJIT-S1M Datasheet
74Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Taiwan Memory Technolog...
S1M TMT-S1M Datasheet
364Kb / 4P
   1A, 50V - 1000V Surface Mount Rectifiers
logo
Shanghai Shunye Electro...
S1M SY-S1M Datasheet
234Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Micro Commercial Compon...
S1M MCC-S1M Datasheet
618Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
logo
DACO SEMICONDUCTOR CO.,...
S1M DACO-S1M Datasheet
443Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
More results

Similar Description - S1M

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S1A DIOTEC-S1A_18 Datasheet
157Kb / 2P
   Standard Recovery SMD Rectifier Diodes
S1YL DIOTEC-S1YL Datasheet
163Kb / 3P
   Standard Recovery SMD Rectifier Diodes
S5A DIOTEC-S5A_17 Datasheet
151Kb / 2P
   Standard Recovery SMD Rectifier Diodes
S3ASMB DIOTEC-S3ASMB_18 Datasheet
151Kb / 2P
   Standard Recovery SMD Rectifier Diodes
SL1A DIOTEC-SL1A_15 Datasheet
145Kb / 2P
   Standard Recovery SMD Rectifier Diodes
GL1A DIOTEC-GL1A_15 Datasheet
141Kb / 2P
   Standard Recovery SMD Rectifier Diodes
M1 DIOTEC-M1_15 Datasheet
149Kb / 2P
   Standard Recovery SMD Rectifier Diodes
S3A DIOTEC-S3A_15 Datasheet
145Kb / 2P
   Standard Recovery SMD Rectifier Diodes
GL34A DIOTEC-GL34A_15 Datasheet
141Kb / 2P
   Standard Recovery SMD Rectifier Diodes
S16ASD2 DIOTEC-S16ASD2_17 Datasheet
162Kb / 2P
   Standard Recovery SMD Rectifier Diodes
S1YL DIOTEC-S1YL_19 Datasheet
159Kb / 3P
   Standard Recovery SMD Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com