Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMAJ15A Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # P4SMAJ15A
Description  SMD Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P4SMAJ15A Datasheet(HTML) 3 Page - Diotec Semiconductor

  P4SMAJ15A Datasheet HTML 1Page - Diotec Semiconductor P4SMAJ15A Datasheet HTML 2Page - Diotec Semiconductor P4SMAJ15A Datasheet HTML 3Page - Diotec Semiconductor P4SMAJ15A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P4SMAJ5.0 ... P4SMAJ170CA
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Type
Typ
Stand-off
voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM )
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
unidirectional
bidirectional
VWM [V]
ID [µA]
VBR min [V]
VBR max [V]
VC [V]
IPPM [A]
P4SMAJ36A
P4SMAJ36CA
36
5
40.0
44.4
58.1
6.9
P4SMAJ40
P4SMAJ40C
40
5
44.4
54.2
71.4
5.6
P4SMAJ40A
P4SMAJ40CA
40
5
44.4
49.3
64.5
6.2
P4SMAJ43
P4SMAJ43C
43
5
47.8
58.3
76.7
5.2
P4SMAJ43A
P4SMAJ43CA
43
5
47.8
53.1
69.4
5.8
P4SMAJ45
P4SMAJ45C
45
5
50.0
61.0
80.3
5.0
P4SMAJ45A
P4SMAJ45CA
45
5
50.0
55.5
72.7
5.5
P4SMAJ48
P4SMAJ48C
48
5
53.3
65.0
85.5
4.7
P4SMAJ48A
P4SMAJ48CA
48
5
53.3
59.2
77.4
5.2
P4SMAJ51
P4SMAJ51C
51
5
56.7
69.2
91.1
4.4
P4SMAJ51A
P4SMAJ51CA
51
5
56.7
62.9
82.4
4.9
P4SMAJ54
P4SMAJ54C
54
5
60.0
73.2
96.3
4.2
P4SMAJ54A
P4SMAJ54CA
54
5
60.0
66.6
87.1
4.6
P4SMAJ58
P4SMAJ58C
58
5
64.4
78.6
103
3.9
P4SMAJ58A
P4SMAJ58CA
58
5
64.4
71.5
93.6
4.3
P4SMAJ60
P4SMAJ60C
60
5
66.7
81.4
107
3.7
P4SMAJ60A
P4SMAJ60CA
60
5
66.7
74.0
96.8
4.1
P4SMAJ64
P4SMAJ64C
64
5
71.1
86.7
114
3.5
P4SMAJ64A
P4SMAJ64CA
64
5
71.1
78.9
103
3.9
P4SMAJ70
P4SMAJ70C
70
5
77.8
94.9
125
3.2
P4SMAJ70A
P4SMAJ70CA
70
5
77.8
86.4
113
3.5
P4SMAJ75
P4SMAJ75C
75
5
83.3
102
134
3.0
P4SMAJ75A
P4SMAJ75CA
75
5
83.3
92.5
121
3.3
P4SMAJ78
P4SMAJ78C
78
5
86.7
106
139
2.9
P4SMAJ78A
P4SMAJ78CA
78
5
86.7
96.2
126
3.2
P4SMAJ85
P4SMAJ85C
85
5
94.4
115
151
2.6
P4SMAJ85A
P4SMAJ85CA
85
5
94.4
105
137
2.9
P4SMAJ90
P4SMAJ90C
90
5
100
122
160
2.5
P4SMAJ90A
P4SMAJ90CA
90
5
100
111
146
2.7
P4SMAJ100
P4SMAJ100C
100
5
111
135
179
2.2
P4SMAJ100A
P4SMAJ100CA
100
5
111
123
162
2.5
P4SMAJ110
P4SMAJ110C
110
5
122
149
196
2.0
P4SMAJ110A
P4SMAJ110CA
110
5
122
135
177
2.3
P4SMAJ120
P4SMAJ120C
120
5
133
162
214
1.9
P4SMAJ120A
P4SMAJ120CA
120
5
133
148
193
2.1
P4SMAJ130
P4SMAJ130C
130
5
144
176
231
1.7
P4SMAJ130A
P4SMAJ130CA
130
5
144
160
209
1.9
P4SMAJ150
P4SMAJ150C
150
5
167
204
268
1.5
P4SMAJ150A
P4SMAJ150CA
150
5
167
185
243
1.6
P4SMAJ160
P4SMAJ160C
160
5
178
217
287
1.4
P4SMAJ160A
P4SMAJ160CA
160
5
178
198
259
1.5
P4SMAJ170
P4SMAJ170C
170
5
189
231
304
1.3
P4SMAJ170A
P4SMAJ170CA
170
5
189
210
275
1.5
P4SMA220 ... P4SMA550CA
VWM = 175 ... 495V
© Diotec Semiconductor AG
http://www.diotec.com/
3


Similar Part No. - P4SMAJ15A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P4SMAJ15A SUNMATE-P4SMAJ15A Datasheet
727Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Pan Jit International I...
P4SMAJ15A PANJIT-P4SMAJ15A Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
P4SMAJ15A PANJIT-P4SMAJ15A Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
P4SMAJ15A SUNMATE-P4SMAJ15A Datasheet
727Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P4SMAJ15A SUNMATE-P4SMAJ15A Datasheet
727Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - P4SMAJ15A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_16 Datasheet
170Kb / 4P
   SMD Transient Voltage Suppressor Diodes
SMF14B DIOTEC-SMF14B Datasheet
184Kb / 2P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A_1 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_16 Datasheet
165Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P4SMA220 DIOTEC-P4SMA220_16 Datasheet
158Kb / 3P
   SMD Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_16 Datasheet
158Kb / 3P
   SMD Transient Voltage Suppressor Diodes
SMF5.0A DIOTEC-SMF5.0A Datasheet
178Kb / 3P
   SMD Transient Voltage Suppressor Diodes
TGL41-6.8 DIOTEC-TGL41-6.8_16 Datasheet
168Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_17 Datasheet
150Kb / 3P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A Datasheet
157Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com