Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM4750S-RN Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM4750S-RN
Description  300mA, Micropower, Dual Channel VLDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM4750S-RN Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM4750S-RN Datasheet HTML 1Page - Union Semiconductor, Inc. UM4750S-RN Datasheet HTML 2Page - Union Semiconductor, Inc. UM4750S-RN Datasheet HTML 3Page - Union Semiconductor, Inc. UM4750S-RN Datasheet HTML 4Page - Union Semiconductor, Inc. UM4750S-RN Datasheet HTML 5Page - Union Semiconductor, Inc. UM4750S-RN Datasheet HTML 6Page - Union Semiconductor, Inc. UM4750S-RN Datasheet HTML 7Page - Union Semiconductor, Inc. UM4750S-RN Datasheet HTML 8Page - Union Semiconductor, Inc. UM4750S-RN Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.07 Nov.2015
3/13
UM4750
Available Voltage Version
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
A
5
F
4.2
L
3.3
R
1.8
B
4.8
G
4
M
3
S
1.5
C
4.7
H
3.8
N
2.8
T
1.3
D
4.5
J
3.6
P
2.7
U
1.2
E
4.3
K
3.5
Q
2.5
Ordering Information
Part Number
Packaging Type
Marking Code
Shipping Qty
UM4750S-RN
SOT23-6
UDS
3000pcs/7Inch
Tape & Reel
UM4750S-RL
UDT
UM4750S-NR
UGS
UM4750S-xx
7XX
UM4750DA-xx
DFN6 2.0×2.0
7XX
UM4750DB-xx
DFN8 3.0×3.0
7XX
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Value
Unit
VIN
Supply Voltage on VIN Pin
-0.3 to +6.5
V
VOUT
Voltage on VOUT Pin
-0.3 to +7.5
V
TJ
Operating Junction Temperature (Notes 2, 3)
-40 to +125
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Lead Temperature for Soldering 10 seconds
+300
°C
ESD Susceptibility HBM
2000
V
PD
Power Dissipation at
TA = 25°C
SOT23-6
0.5
W
DFN6 2.0×2.0
0.7
DFN8 3.0×3.0
0.9
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be
impaired.
Note 2: The device is guaranteed to meet performance specifications from 0°C to 70°C.
Specifications over the -40°C to 125°C operating junction temperature range are
guaranteed by design, characterization and correlation with statistical process controls.
Note 3: This IC includes over temperature protection circuit inside that is intended to protect the
device during momentary overload conditions. Over temperature protection trip point is
around 160°C. Continuous operation above the specified maximum operating junction
temperature may impair device reliability.


Similar Part No. - UM4750S-RN

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM4750S-RN UNIONSEMI-UM4750S-RN Datasheet
474Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results

Similar Description - UM4750S-RN

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM4750 UNIONSEMI-UM4750 Datasheet
474Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com