Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMY33 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ZMY33
Description  SMD Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZMY33 Datasheet(HTML) 2 Page - Diotec Semiconductor

  ZMY33 Datasheet HTML 1Page - Diotec Semiconductor ZMY33 Datasheet HTML 2Page - Diotec Semiconductor ZMY33 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZMY1, ZMY3.0G ... ZMY9.1G, ZMY10 ... ZMY200
Characteristics
(Tj = 25°C unless otherwise specified)
Kennwerte
(Tj = 25°C wenn nicht anders spezifiziert)
Type
Typ
Zener voltage 4)
Zener-Spannung 4)
IZ = IZtest
Test current
Mess-Strom
Dynamic resistance
Diff. Widerstand
IZtest / f = 1 kHz
Temp. Coeffic.
of Z-voltage
…der Z-Spannung
Reverse volt.
Sperrspanng.
IR = 1 μA
Z-current 3)
Z-Strom 3)
TA = 50°C
Vzmin [V]
Vzmax [V]
IZtest [mA]
rzj [Ω]
αVZ [10-4 /°C]
VR [V]
IZmax [mA]
ZMY1 5)
0.71
0.82
100
0.5 (<1)
–26…–16
1000
ZMY3.0G
2.8
3.2
100
5 (<8)
–8…+1
313
ZMY3.3G
3.1
3.5
100
5 (<8)
–8…+1
> 0.7 / 150 µA
286
ZMY3.6G
3.4
3.8
100
5 (<8)
–8…+1
> 0.7 / 100 µA
263
ZMY3.9G
3.7
4.1
100
4 (<7)
–7…+2
> 0.7 / 100 µA
244
ZMY4.3G
4.0
4.6
100
4 (<7)
–7…+3
> 0.7 / 50 µA
217
ZMY4.7G
4.4
5.0
100
4 (<7)
–7…+4
> 0.7 / 10 µA
200
ZMY5.1G
4.8
5.4
100
2 (<5)
–6…+5
> 0.7 / 10 µA
185
ZMY5.6G
5.2
6.0
100
1 (<2)
–3…+5
> 0.5 / 3 µA
167
ZMY6.2G
5.8
6.6
100
1 (<2)
–1…+6
> 1.5 / 500 nA
152
ZMY6.8G
6.4
7.2
100
1 (<2)
0…+7
> 2 / 500 nA
139
ZMY7.5G
7.0
7.9
100
1 (<2)
0…+7
> 3 / 500 nA
127
ZMY8.2G
7.7
8.7
100
1 (<2)
+3…+8
> 6 / 500 nA
115
ZMY9.1G
8.5
9.6
50
2 (<4)
+3…+8
> 7 / 500 nA
104
ZMY10
9.4
10.6
50
2 (<4)
+5…+9
> 5
123
ZMY11
10.4
11.6
50
4 (<7)
+5…+10
> 5
112
ZMY12
11.4
12.7
50
4 (<7)
+5…+10
> 7
102
ZMY13
12.4
14.1
50
5 (<10)
+5…+10
> 7
92
ZMY15
13.8
15.6
50
5 (<10)
+5…+10
> 10
83
ZMY16
15.3
17.1
25
6 (<15)
+6…+11
> 10
76
ZMY18
16.8
19.1
25
6 (<15)
+6…+11
> 10
68
ZMY20
18.8
21.2
25
6 (<15)
+6…+11
> 10
61
ZMY22
20.8
23.3
25
6 (<15)
+6…+11
> 12
56
ZMY24
22.8
25.6
25
7 (<15)
+6…+11
> 12
51
ZMY27
25.1
28.9
25
7 (<15)
+6…+11
> 14
45
ZMY30
28
32
25
8 (<15)
+6…+11
> 14
41
ZMY33
31
35
25
8 (<15)
+6…+11
> 17
37
ZMY36
34
38
10
16 (<40)
+6…+11
> 17
34
ZMY39
37
41
10
20 (<40)
+6…+11
> 20
32
ZMY43
40
46
10
24 (<45)
+7…+12
> 20
28
ZMY47
44
50
10
24 (<45)
+7…+12
> 24
26
ZMY51
48
54
10
25 (<60)
+7…+12
> 24
24
ZMY56
52
60
10
25 (<60)
+7…+12
> 28
22
ZMY62
58
66
10
25 (<80)
+8…+13
> 28
20
ZMY68
64
72
10
25 (<80)
+8…+13
> 34
18
ZMY75
70
79
10
30 (<100)
+8…+13
> 34
16
ZMY82
77
88
10
30 (<100)
+8…+13
> 41
15
ZMY91
85
96
5
40 (<200)
+9…+13
> 41
14
ZMY100
94
106
5
60 (<200)
+9…+13
> 50
12
ZMY110
104
116
5
80 (<250)
+9…+13
> 50
11
ZMY120
114
127
5
80 (<250)
+9…+13
> 60
10
ZMY130
124
141
5
90 (<300)
+9…+13
> 60
9
ZMY150
138
156
5
100 (<300)
+9…+13
> 75
8
ZMY160
153
171
5
110 (<350)
+9…+13
> 75
8
ZMY180
168
191
5
120 (<350)
+9…+13
> 90
7
ZMY200
188
212
5
150 (<350)
+9…+13
> 90
6
3,4,5
3,4,5 Notes see previous page – Fußnoten siehe vorhergehende Seite
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - ZMY33

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMY33 SEMTECH-ZMY33 Datasheet
373Kb / 5P
   SILICON PLANAR POWER ZENER DIODES?
logo
Vishay Siliconix
ZMY33 VISHAY-ZMY33 Datasheet
161Kb / 7P
   Zener Diodes
Rev. 1.7, 07-Aug-06
ZMY33 VISHAY-ZMY33 Datasheet
119Kb / 6P
   Zener Diodes
Rev. 1.9, 06-Dec-11
logo
General Semiconductor
ZMY33 GE-ZMY33 Datasheet
205Kb / 5P
   ZENER DIODES
logo
Diotec Semiconductor
ZMY33 DIOTEC-ZMY33 Datasheet
178Kb / 3P
   Surface Mount Silicon-Zener Diodes
More results

Similar Description - ZMY33

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRH3-55C10-G COMCHIP-CZRH3-55C10-G Datasheet
80Kb / 3P
   SMD Zener Diodes
CZRV3-55C2V7-G COMCHIP-CZRV3-55C2V7-G Datasheet
80Kb / 3P
   SMD Zener Diodes
CZRV3-55C18-G COMCHIP-CZRV3-55C18-G Datasheet
80Kb / 3P
   SMD Zener Diodes
CZRV3-55C27-G COMCHIP-CZRV3-55C27-G Datasheet
80Kb / 3P
   SMD Zener Diodes
CZRV3-55C30-G COMCHIP-CZRV3-55C30-G Datasheet
80Kb / 3P
   SMD Zener Diodes
logo
Diotec Semiconductor
ZMD1-2P DIOTEC-ZMD1-2P Datasheet
125Kb / 2P
   SMD Zener Diodes
Z3SMC6.8 DIOTEC-Z3SMC6.8 Datasheet
140Kb / 2P
   SMD Zener Diodes
SZ3C1 DIOTEC-SZ3C1_18 Datasheet
147Kb / 2P
   SMD Zener Diodes
logo
Comchip Technology
CZRH3-55C2V4-G COMCHIP-CZRH3-55C2V4-G Datasheet
61Kb / 3P
   SMD Zener Diodes
CZRV3-55C20-G COMCHIP-CZRV3-55C20-G Datasheet
80Kb / 3P
   SMD Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com