Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMBJ9.0C Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # P6SMBJ9.0C
Description  SMD Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P6SMBJ9.0C Datasheet(HTML) 3 Page - Diotec Semiconductor

  P6SMBJ9.0C Datasheet HTML 1Page - Diotec Semiconductor P6SMBJ9.0C Datasheet HTML 2Page - Diotec Semiconductor P6SMBJ9.0C Datasheet HTML 3Page - Diotec Semiconductor P6SMBJ9.0C Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P6SMBJ5.0 ... P6SMBJ170CA
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Type
Typ
Stand-off
voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM )
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
unidire
bidire
VWM [V]
ID [µA]
VBR min [V]
VBR max [V]
VC [V]
IPPM [A]
P6SMBJ33A
P6SMBJ33CA
33
5
36.7
40.7
53.3
11.3
P6SMBJ36
P6SMBJ36C
36
5
40.0
48.4
64.3
9.3
P6SMBJ36A
P6SMBJ36CA
36
5
40.0
44.4
58.1
10.3
P6SMBJ40
P6SMBJ40C
40
5
44.4
54.2
71.4
8.4
P6SMBJ40A
P6SMBJ40CA
40
5
44.4
49.3
64.5
9.3
P6SMBJ43
P6SMBJ43C
43
5
47.8
58.3
76.7
7.8
P6SMBJ43A
P6SMBJ43CA
43
5
47.8
53.1
69.4
8.6
P6SMBJ45
P6SMBJ45C
45
5
50.0
61.0
80.3
7.5
P6SMBJ45A
P6SMBJ45CA
45
5
50.0
55.5
72.7
8.3
P6SMBJ48
P6SMBJ48C
48
5
53.3
65.0
85.5
7.0
P6SMBJ48A
P6SMBJ48CA
48
5
53.3
59.2
77.4
7.8
P6SMBJ51
P6SMBJ51C
51
5
56.7
69.2
91.1
6.6
P6SMBJ51A
P6SMBJ51CA
51
5
56.7
62.9
82.4
7.3
P6SMBJ54
P6SMBJ54C
54
5
60.0
73.2
96.3
6.2
P6SMBJ54A
P6SMBJ54CA
54
5
60.0
66.6
87.1
6.9
P6SMBJ58
P6SMBJ58C
58
5
64.4
78.6
103
5.8
P6SMBJ58A
P6SMBJ58CA
58
5
64.4
71.5
93.6
6.4
P6SMBJ60
P6SMBJ60C
60
5
66.7
81.4
107
5.6
P6SMBJ60A
P6SMBJ60CA
60
5
66.7
74.0
96.8
6.2
P6SMBJ64
P6SMBJ64C
64
5
71.1
86.7
114
5.3
P6SMBJ64A
P6SMBJ64CA
64
5
71.1
78.9
103
5.8
P6SMBJ70
P6SMBJ70C
70
5
77.8
94.9
125
4.8
P6SMBJ70A
P6SMBJ70CA
70
5
77.8
86.4
113
5.3
P6SMBJ75
P6SMBJ75C
75
5
83.3
102
134
4.5
P6SMBJ75A
P6SMBJ75CA
75
5
83.3
92.5
121
5.0
P6SMBJ78
P6SMBJ78C
78
5
86.7
106
139
4.3
P6SMBJ78A
P6SMBJ78CA
78
5
86.7
96.2
126
4.8
P6SMBJ85
P6SMBJ85C
85
5
94.4
115
151
4.0
P6SMBJ85A
P6SMBJ85CA
85
5
94.4
105
137
4.4
P6SMBJ90
P6SMBJ90C
90
5
100
122
160
3.8
P6SMBJ90A
P6SMBJ90CA
90
5
100
111
146
4.1
P6SMBJ100
P6SMBJ100C
100
5
111
135
179
3.4
P6SMBJ100A
P6SMBJ100CA
100
5
111
123
162
3.7
P6SMBJ110
P6SMBJ110C
110
5
122
149
196
3.1
P6SMBJ110A
P6SMBJ110CA
110
5
122
135
177
3.4
P6SMBJ120
P6SMBJ120C
120
5
133
162
214
2.8
P6SMBJ120A
P6SMBJ120CA
120
5
133
148
193
3.1
P6SMBJ130
P6SMBJ130C
130
5
144
176
231
2.6
P6SMBJ130A
P6SMBJ130CA
130
5
144
160
209
2.9
P6SMBJ150
P6SMBJ150C
150
5
167
204
268
2.2
P6SMBJ150A
P6SMBJ150CA
150
5
167
185
243
2.5
P6SMBJ160
P6SMBJ160C
160
5
178
217
287
2.1
P6SMBJ160A
P6SMBJ160CA
160
5
178
198
259
2.3
P6SMBJ170
P6SMBJ170C
170
5
189
231
304
2.0
P6SMBJ170A
P6SMBJ170A
170
5
189
210
275
2.2
P6SMB220 ... P6SMB550CA
VWM = 175 ... 495 V
© Diotec Semiconductor AG
http://www.diotec.com/
3


Similar Part No. - P6SMBJ9.0C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ9.0C PANJIT-P6SMBJ9.0C Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
Surge Components
P6SMBJ9.0C SURGE-P6SMBJ9.0C Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Transys Electronics
P6SMBJ9.0C TRSYS-P6SMBJ9.0C Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P6SMBJ9.0C WTE-P6SMBJ9.0C Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMBJ9.0C WTE-P6SMBJ9.0C Datasheet
79Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ9.0C

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P4SMAJ5.0 DIOTEC-P4SMAJ5.0_16 Datasheet
167Kb / 4P
   SMD Transient Voltage Suppressor Diodes
SMF14B DIOTEC-SMF14B Datasheet
184Kb / 2P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A_1 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_16 Datasheet
165Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P4SMA220 DIOTEC-P4SMA220_16 Datasheet
158Kb / 3P
   SMD Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_16 Datasheet
158Kb / 3P
   SMD Transient Voltage Suppressor Diodes
SMF5.0A DIOTEC-SMF5.0A Datasheet
178Kb / 3P
   SMD Transient Voltage Suppressor Diodes
TGL41-6.8 DIOTEC-TGL41-6.8_16 Datasheet
168Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_17 Datasheet
150Kb / 3P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A Datasheet
157Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com