Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7594BA Datasheet(PDF) 7 Page - IXYS Corporation

Part # CPC7594BA
Description  TTL Logic Level Inputs for 3.3V Logic Interfaces
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7594BA Datasheet(HTML) 7 Page - IXYS Corporation

Back Button CPC7594BA Datasheet HTML 3Page - IXYS Corporation CPC7594BA Datasheet HTML 4Page - IXYS Corporation CPC7594BA Datasheet HTML 5Page - IXYS Corporation CPC7594BA Datasheet HTML 6Page - IXYS Corporation CPC7594BA Datasheet HTML 7Page - IXYS Corporation CPC7594BA Datasheet HTML 8Page - IXYS Corporation CPC7594BA Datasheet HTML 9Page - IXYS Corporation CPC7594BA Datasheet HTML 10Page - IXYS Corporation CPC7594BA Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7594
R04
www.ixysic.com
7
1.6.3 Ringing Switch, SW4
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Off-State
Leakage Current
VSW4 (differential) = RLINE to RRINGING
All-Off state.
+25
 C
VSW (differential) = -255 V to +210 V
VSW (differential) = +255 V to -210 V
ISW
-
0.05
1
A
+85
 C
VSW (differential) = -270 V to +210 V
VSW (differential) = +270 V to -210 V
0.1
-40
 C
VSW (differential) = -245 V to +210 V
VSW (differential) = +245 V to -210 V
0.05
On Resistance
ISW (on) = ±70 mA, ±80 mA
RON
-6
15
On Voltage
ISW (on) = ± 1 mA
VON
-1.5
3
V
On-State
Leakage Current
Inputs set for ringing -Measure ringing
generator current to ground.
IRINGING
-0.1
0.25
mA
Steady-State Current*
Inputs set for ringing mode.
ISW
-
-
150
mA
Surge Current*
Ringing switches on, all other switches
off. Apply ±1 kV 10x1000
s pulse with
appropriate protection in place.
ISW
--
2
A
Release Current
SW4 transition from on to off.
IRINGING
-
420
-
A
Logic input to switch
output isolation
+25
 C, Logic inputs = gnd,
VSW (RRINGING, RLINE) = ±320 V
ISW
-
0.10
1
A
+85
 C, Logic inputs = gnd,
VSW (RRINGING, RLINE) = ±330 V
0.12
-40
 C, Logic inputs = gnd,
VSW (RRINGING, RLINE) = ±310 V
0.10
dV/dt sensitivity
-
-
-
500
-
V/
s
*Secondary protection and current limiting must prevent exceeding this parameter.


Similar Part No. - CPC7594BA

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7594BATR CLARE-CPC7594BATR Datasheet
602Kb / 20P
   Line Card Access Switch
More results

Similar Description - CPC7594BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_07 Datasheet
77Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter TTL?묬ompatible Inputs
February, 2007 ??Rev. 13
logo
Silikron Semiconductor ...
BSS138 SILIKRON-BSS138 Datasheet
414Kb / 8P
   Direct Logic-Level Interface: TTL/CMOS
2N7002K SILIKRON-2N7002K Datasheet
300Kb / 5P
   Direct Logic-Level Interface: TTL/CMOS
logo
Bruckewell Technology L...
BSS138 BWTECH-BSS138 Datasheet
586Kb / 4P
   Direct Logic-Level Interface: TTL/CMOS
logo
Silicon Supplies
5407 SS-5407 Datasheet
440Kb / 4P
   Bipolar TTL Logic
7407 SS-7407 Datasheet
439Kb / 4P
   Bipolar TTL Logic
logo
Epson ToYoCom
TCO-711S4 EPSONTOYOCOM-TCO-711S4 Datasheet
426Kb / 1P
   TTL logic output
logo
Silicon Supplies
7406 SS-7406 Datasheet
295Kb / 4P
   Bipolar TTL Logic
7406 SS-7406_V01 Datasheet
434Kb / 4P
   Bipolar TTL Logic
logo
Epson ToYoCom
TCO-711STH EPSONTOYOCOM-TCO-711STH Datasheet
429Kb / 1P
   TTL logic output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com