Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7416 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7416
Description  CARRADIO SIGNAL PROCESSOR
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7416 Datasheet HTML 1Page - STMicroelectronics TDA7416 Datasheet HTML 2Page - STMicroelectronics TDA7416 Datasheet HTML 3Page - STMicroelectronics TDA7416 Datasheet HTML 4Page - STMicroelectronics TDA7416 Datasheet HTML 5Page - STMicroelectronics TDA7416 Datasheet HTML 6Page - STMicroelectronics TDA7416 Datasheet HTML 7Page - STMicroelectronics TDA7416 Datasheet HTML 8Page - STMicroelectronics TDA7416 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5/27
TDA7416
Table 1. ELECTRICAL CHARACTERISTICS
(VS=9V; Tamb=25°C; RL=10kΩ; all gains=0dB; f=1kHz; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
INPUT SELECTOR
Rin
Input Resistance
all single ended Inputs
70
100
130
k
VCL
Clipping Level
1.8
2.2
VRMS
SIN
Input Separation
80
100
dB
GIN MIN
Min. Input Gain
-1
0
1
dB
GIN MAX
Max. Input Gain
13
15
17
dB
GSTEP
Step Resolution
0.5
1
1.5
dB
VDC
DC Steps
Adjacent Gain Steps
-5
1
5
mV
GMIN to GMAX
-10
1
10
mV
Voffset
Remaining offset with Autozero
0.5
mV
DIFFERENTIAL STEREO INPUTS
Rin
Input Resistance (see Fig. 1)
Differential
70
100
130
k
CMRR
Common Mode Rejection Ratio
VCM = 1VRMS @ 1kHz
46
70
dB
VCM = 1VRMS @ 10kHz
46
60
dB
eNO
Output-Noise @ Speaker-Outputs 20Hz - 20kHz, flat; all stages 0dB
11
µV
MIXING CONTROL
MLEVEL
Mixing Ratio
Main / Mix-Source
-6/-6
dB
GMAX
Max. Gain
13
15
17
dB
AMAX
Max. Attenuation
-83
-79
-75
dB
ASTEP
Attenuation Step
0.5
1
1.5
dB
LOUDNESS CONTROL
ASTEP
Step Resolution
0.5
1
1.5
dB
AMAX
Max. Attenuation
-21
-19
-17
dB
fPeak
Peak Frequency
fP1
180
200
220
Hz
fP2
360
400
440
Hz
fP3
540
600
660
Hz
fP4
720
800
880
Hz
VOLUME CONTROL
GMAX
Max. Gain
18
20
22
dB
AMAX
Max. Attenuation
-83
-79
-75
dB
ASTEP
Step Resolution
0
0.5
1
dB
EA
Attenuation Set Error
G = -20 to +20dB
-0.75
0
+0.75
dB
G = -80 to -20dB
-4
0
3
dB
ET
Tracking Error
2dB
VDC
DC Steps
Adjacent Attenuation Steps
0.1
3
mV
From 0dB to GMIN
0.5
5
mV
SOFT MUTE
AMUTE
Mute Attenuation
80
100
dB


Similar Part No. - TDA7416

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
More results

Similar Description - TDA7416

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7402 STMICROELECTRONICS-TDA7402 Datasheet
512Kb / 59P
   CARRADIO SIGNAL PROCESSOR
March 2000
TDA7412 STMICROELECTRONICS-TDA7412 Datasheet
716Kb / 56P
   CARRADIO SIGNAL PROCESSOR
TDA7404D STMICROELECTRONICS-TDA7404D Datasheet
379Kb / 26P
   CARRADIO-SIGNAL-PROCESSOR
TDA7409 STMICROELECTRONICS-TDA7409 Datasheet
296Kb / 25P
   CARRADIO-SIGNAL-PROCESSOR
TDA7405 STMICROELECTRONICS-TDA7405 Datasheet
815Kb / 56P
   EQUALIZER CARRADIO SIGNAL PROCESSOR
October 2001
TDA7405 STMICROELECTRONICS-TDA7405_04 Datasheet
696Kb / 57P
   EQUALIZER CARRADIO SIGNAL PROCESSOR
TDA7501 STMICROELECTRONICS-TDA7501 Datasheet
148Kb / 18P
   LINE-DRIVER FOR DIGITAL CARRADIO SIGNAL PROCESSOR
logo
Texas Instruments
TMS320C6412 TI-TMS320C6412 Datasheet
1Mb / 159P
[Old version datasheet]   Signal Processor
MSP50C614 TI-MSP50C614 Datasheet
122Kb / 9P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
TMS320F28044 TI-TMS320F28044_07 Datasheet
889Kb / 107P
[Old version datasheet]   Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com