Electronic Components Datasheet Search |
|
SMF110CA Datasheet(PDF) 2 Page - Diotec Semiconductor |
|
SMF110CA Datasheet(HTML) 2 Page - Diotec Semiconductor |
2 / 3 page SMF5.0 ... SMF220CA Characteristics (Tj = 25°C) Kennwerte (Tj = 25°C) Type Typ Stand-off voltage Sperrspannung Max. rev. current Max. Sperrstrom at / bei VWM 1) Breakdown voltage at IT = 1 mA Abbruch-Spannung bei IT = 1 mA *) at / bei IT = 10 mA Max. clamping voltage Max. Begrenzer-Spannung at / bei IPPM (10/1000 µs) unidirectional bidirectional VWM [V] ID [µA] VBR min [V] VBR max [V] VC [V] IPPM [A] SMF5.0A SMF5.0CA 5.0 400 6.4 *) 7.0 *) 9.2 21.74 SMF6.0A SMF6.0CA 6.0 400 6.6 *) 7.4 *) 10.3 19.42 SMF6.5A SMF6.5CA 6.5 250 7.2 *) 8.0 *) 11.2 17.86 SMF7.0A SMF7.0CA 7.0 100 7.7 *) 8.6 *) 12.0 16.67 SMF7.5A SMF7.5CA 7.5 50 8.3 9.2 12.9 15.50 SMF8.0A SMF8.0CA 8.0 25 8.8 9.8 13.6 14.71 SMF8.5A SMF8.5CA 8.5 10 9.4 10.4 14.4 13.89 SMF9.0A SMF9.0CA 9.0 5 10.0 11.1 15.4 12.99 SMF10A SMF10CA 10 2.5 11.1 12.3 17.0 11.76 SMF11A SMF11CA 11 2.5 12.2 13.5 18.2 10.99 SMF12A SMF12CA 12 2.5 13.3 14.7 19.9 10.05 SMF13A SMF13CA 13 1 14.4 15.9 21.5 9.30 SMF14A SMF14CA 14 1 15.6 17.2 23.2 8.62 SMF15A SMF15CA 15 1 16.7 18.5 24.4 8.20 SMF16A SMF16CA 16 1 17.8 19.7 26.0 7.69 SMF17A SMF17CA 17 1 18.9 20.9 27.6 7.25 SMF18A SMF18CA 18 1 20.0 22.1 29.2 6.85 SMF19A SMF19CA 19 1 21.1 23.3 30.6 6.54 SMF20A SMF20CA 20 1 22.2 24.5 32.4 6.17 SMF22A SMF22CA 22 1 24.4 26.9 35.5 5.63 SMF24A SMF24CA 24 1 26.7 29.5 38.9 5.14 SMF26A SMF26CA 26 1 28.9 31.9 42.1 4.75 SMF28A SMF28CA 28 1 31.1 34.4 45.4 4.41 SMF30A SMF30CA 30 1 33.3 36.8 48.4 4.13 SMF33A SMF33CA 33 1 36.7 40.6 53.3 3.75 SMF36A SMF36CA 36 1 40.0 44.2 58.1 3.44 SMF40A SMF40CA 40 1 44.4 49.1 64.5 3.10 SMF43A SMF43CA 43 1 47.8 52.8 69.4 2.88 SMF45A SMF45CA 45 1 50.0 55.3 72.7 2.75 SMF48A SMF48CA 48 1 53.3 58.9 77.4 2.58 SMF51A SMF51CA 51 1 56.7 62.7 82.4 2.43 SMF54A SMF54CA 54 1 60.0 66.3 87.1 2.30 SMF58A SMF58CA 58 1 64.4 71.2 93.6 2.14 SMF60A SMF60CA 60 1 66.7 73.7 96.8 2.07 SMF64A SMF64CA 64 1 71.1 78.6 103.0 1.94 SMF70A SMF70CA 70 1 77.8 86.0 113.0 1.77 SMF75A SMF75CA 75 1 83.3 92.1 121.0 1.65 SMF78A SMF78CA 78 1 86.7 95.8 126.0 1.59 SMF80A SMF80CA 80 1 88.8 97.6 129.0 1.55 SMF85A SMF85CA 85 1 94.4 104.0 137.0 1.46 SMF90A SMF90CA 90 1 100.0 111.0 146.0 1.37 SMF100A SMF100CA 100 1 111.0 123.0 162.0 1.23 SMF110A SMF110CA 110 1 122.0 135.0 177.0 1.13 SMF120A SMF120CA 120 1 133.0 147.0 193.0 1.04 SMF130A SMF130CA 130 1 144.0 159.0 209.0 0.96 SMF140A SMF140CA 140 1 155.0 171.0 224.0 0.89 SMF150A SMF150CA 150 1 167.0 185.0 243.0 0.82 SMF160A SMF160CA 160 1 178.0 197.0 259.0 0.77 1 For bi-directional types having VWM ≤ 10V, the reverse current limit is doubled Bidirektionale Typen mit VWM ≤ 10V haben die doppelte Sperrstromgrenze 2 http://www.diotec.com/ © Diotec Semiconductor AG |
Similar Part No. - SMF110CA |
|
Similar Description - SMF110CA |