Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

026T124K501D1A1 Datasheet(PDF) 3 Page - CTS Corporation

Part # 026T124K501D1A1
Description  Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

026T124K501D1A1 Datasheet(HTML) 3 Page - CTS Corporation

  026T124K501D1A1 Datasheet HTML 1Page - CTS Corporation 026T124K501D1A1 Datasheet HTML 2Page - CTS Corporation 026T124K501D1A1 Datasheet HTML 3Page - CTS Corporation 026T124K501D1A1 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIMENSION:
mm
inch
MTG. SURFACE
3
2
1
Ø2.54
(2)
7.87
14.83
CLEARANCE HOLE
(3)
(2)
(2)
(2)
.469
11.9
3/8-32 UNEF-2A
"A" ±.016
±0.4
±.031
"L" ±0.8
.437
11.1
22.2
.875
.125
3.18
MAX.
.164±.003
4.16±0.08
.062±.003
1.57±0.08
±.003
.410
10.41
±0.08
.58
.31
.1
U026 Metal Shaft, Bushing Mounting, Printed Circuit Type “U” Formed Terminals
±.003
.410
10.41
±0.08
±.003 ±.003
.062±.003
.082±.003
2.08±0.08
1.57±0.08
.062±.003
1.57±0.08
CLEARANCE HOLE
.410
10.41
±0.08
.410
10.41
±0.08
.164±.003
4.16±0.08
.437
11.1
22.2
.875
.469
11.9
3/8-32 UNEF-2A
.125
3.18
MAX.
MTG. SURFACE
REF.
3
2
1
34.5
1.36
"A" ±.016
±0.4
±.031
"L" ±0.8
DIMENSION:
V026 Metal Shaft, Bushing Mounting, Printed Circuit Type “V” Formed Terminals
MTG. SURFACE
"A"
"L"
2
1
3
22.2
.875
MAX.
.437
11.1
.125
3.18
.469
11.9
3/8-32 UNEF-2A
±.016
±0.4
±.031
±0.8
±.003
.410
10.41
±0.08
±.003 ±.003
.062±.003
.082±.003
2.08±0.08
1.57±0.08
.062±.003
1.57±0.08
CLEARANCE HOLE
.410
10.41
±0.08
.410
10.41
±0.08
.164±.003
4.16±0.08
DIMENSION:
mm
inch
S026 Metal Shaft, Bushing Mounting, Faston Type “S” Formed Terminals
.080±.002
.031±.002
7.92(2)±0.05
2.03±0.05
MOUNTING HOLE DETAIL
PCB LAYOUT
.082±.002
Ø2.08±0.05
mm
inch
3 - 4
© 2009 CTS Corporation. All rights reserved. Information subject to change.
12/10/09
CTS Electrocomponents
www.ctscorp.com
MOUNTING HOLE DETAIL
MOUNTING HOLE DETAIL
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
8.0
.315
.250
6.35
.250
6.35
.250
6.35


Similar Part No. - 026T124K501D1A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
026T124F102A1A CTS-026T124F102A1A Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
026T124F102A1D CTS-026T124F102A1D Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
026T124F102A2A CTS-026T124F102A2A Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
026T124F102A2D CTS-026T124F102A2D Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
026T124F102B1A CTS-026T124F102B1A Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
More results

Similar Description - 026T124K501D1A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
026 CTS-026 Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
logo
Bi technologies
P230 BITECH-P230 Datasheet
70Kb / 3P
   24mm Rotary Potentiometer
logo
CTS Corporation
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
List of Unclassifed Man...
P231-FA20BR5K ETC2-P231-FA20BR5K Datasheet
65Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element
logo
Bi technologies
BR10KT1L.5XX BITECH-BR10KT1L.5XX Datasheet
88Kb / 3P
   3-5/16 Diameter Multiturn Wirewound Precision Potentiometer
7480 BITECH-7480 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
CTS Corporation
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com