Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB18D128160TG-7F Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # HYB18D128160TG-7F
Description  MEMORY SPECTRUM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB18D128160TG-7F Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button HYB18D128160TG-7F Datasheet HTML 6Page - Infineon Technologies AG HYB18D128160TG-7F Datasheet HTML 7Page - Infineon Technologies AG HYB18D128160TG-7F Datasheet HTML 8Page - Infineon Technologies AG HYB18D128160TG-7F Datasheet HTML 9Page - Infineon Technologies AG HYB18D128160TG-7F Datasheet HTML 10Page - Infineon Technologies AG HYB18D128160TG-7F Datasheet HTML 11Page - Infineon Technologies AG HYB18D128160TG-7F Datasheet HTML 12Page - Infineon Technologies AG HYB18D128160TG-7F Datasheet HTML 13Page - Infineon Technologies AG HYB18D128160TG-7F Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
Unbuffered DDR DIMM – 184-pin
Module
Density
Organi-
zation
Genera-
tion
Compo.
Organization
Compo.
Package
#
of Ranks
on Module
Module
Height
Module
Speed
Sales
Description
Speed
No.
Ordering
Code
Prod.
Green
X = Lead-Free
128 MB
PC2700
6-B
Q67100 Q4940
PC3200
5-B
Q67100 Q5136
PC2700
HYS64D16301GU-
6-C
Q67100 Q1448
Now
16 M x 64
256 M
16 M x 16
TSOP
1
1.25"
PC3200
5-C
Q67100 Q1754
PC2700
6-C
Q67100 Q4995
PC3200
HYS64D16301HU-
5-C
Q67100 Q5188
Now
X
128 MB ECC 16 M x 72
128 M
16 M x 8
TSOP
1
1.25"
PC2100
HYS72D16000GU-
7-A
Q67100 Q4367
Now
256 MB
PC2100
HYS64D32000GU-
7-B
Q67100 Q4517
Now
PC2700
6-B
Q67100 Q4944
PC3200
HYS64D32300GU-
5-B
Q67100 Q5081
32 M x 64 256 M
32 M x 8
TSOP
1
1.25"
PC2700
6-C
Q67100 Q5184
Now
PC3200
5-C
Q67100 Q1755
PC2700
6-C
Q67100 Q4996
PC3200
HYS64D32300HU-
5-C
Q67100 Q5189
Now
X
256 MB ECC
PC2100
7-B
Q67100 Q4519
PC2100-222
HYS72D32000GU-
7F-B
Q67100 Q5029
Now
PC2700
6-B
Q67100 Q4946
PC3200
HYS72D32300GU-
5-B
Q67100 Q4957
32 M x 72 256 M
32 M x 8
TSOP
1
1.25"
PC2700
6-C
Q67100 Q1768
Now
PC3200
5-C
Q67100 Q1756
PC2700
6-C
Q67100 Q4998
PC3200
HYS72D32300HU-
5-C
Q67100 Q5191
Now
X
512 MB
PC2100
HYS64D64020GU-
7-B
Q67100 Q4521
Now
PC2700
6-B
Q67100 Q4948
PC3200
HYS64D64320GU-
5-B
Q67100 Q5084
64 M x 64 256 M
32 M x 8
TSOP
2
1.25"
PC2700
6-C
Q67100 Q1449
Now
PC3200
5-C
Q67100 Q1761
PC2700
6-C
Q67100 Q5001
PC3200
HYS64D64320HU-
5-C
Q67100 Q5190
Now
X
512 MB ECC
PC2100
7-B
Q67100 Q4525
PC2100-222
HYS72D64020GU-
7F-B
Q67100 Q5030
Now
PC2700
6-B
Q67100 Q4950
PC3200
5-B
Q67100 Q4958
64 M x 72 256 M
32 M x 8
TSOP
2
1.25"
PC2700
HYS72D64320GU-
6-C
Q67100 Q1757
Now
PC3200
5-C
Q67100 Q1762
PC2700
6-C
Q67100 Q4997
PC3200
HYS72D64320HU-
5-C
Q67100 Q5192
Now
X
DDR Modules


Similar Part No. - HYB18D128160TG-7F

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18H1G321AF QIMONDA-HYB18H1G321AF Datasheet
2Mb / 48P
   GDDR3 Graphics RAM 1-Gbit GDDR3 Graphics RAM
HYB18H1G321AF-10/11/14 QIMONDA-HYB18H1G321AF-10/11/14 Datasheet
2Mb / 48P
   GDDR3 Graphics RAM 1-Gbit GDDR3 Graphics RAM
HYB18H256321BF QIMONDA-HYB18H256321BF Datasheet
2Mb / 41P
   256-Mbit GDDR3 Graphics RAM GDDR3 Graphics RAM
HYB18H256321BF-10 QIMONDA-HYB18H256321BF-10 Datasheet
2Mb / 41P
   256-Mbit GDDR3 Graphics RAM GDDR3 Graphics RAM
HYB18H256321BF-11 QIMONDA-HYB18H256321BF-11 Datasheet
2Mb / 41P
   256-Mbit GDDR3 Graphics RAM GDDR3 Graphics RAM
More results

Similar Description - HYB18D128160TG-7F

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
GSP-930 GWINSTEK-GSP-930 Datasheet
2Mb / 2P
   SPECTRUM ANALYZER
logo
List of Unclassifed Man...
H500 ETC2-H500 Datasheet
1Mb / 12P
   Spectrum Analyzer
logo
TEKTRONIX, INC.
RSA600A TEKTRONIX-RSA600A Datasheet
1Mb / 32P
   Spectrum Analyzer
logo
Agilent(Hewlett-Packard...
8560EC HP-8560EC Datasheet
370Kb / 12P
   Spectrum Analyzers
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
   Spectrum Analyzers
logo
TEKTRONIX, INC.
RSA500A TEKTRONIX-RSA500A Datasheet
2Mb / 36P
   Spectrum Analyzer
logo
Lumins Inc.
STR100 LUMINIS-STR100 Datasheet
447Kb / 2P
   SPECTRUM 100
logo
TEKTRONIX, INC.
RSA306B TEKTRONIX-RSA306B Datasheet
1Mb / 26P
   Spectrum Analyzer
logo
List of Unclassifed Man...
SSA3032XPLUS ETC1-SSA3032XPLUS Datasheet
1Mb / 20P
   Spectrum Analyzer
2011/65/EU
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
   Spread Spectrum Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com