Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB054E120T32N100 Datasheet(PDF) 1 Page - Vicor Corporation

Part # IB054E120T32N100
Description  4:1 Intermediate Bus Converter Module: Up to 300 W Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB054E120T32N100 Datasheet(HTML) 1 Page - Vicor Corporation

  IB054E120T32N100 Datasheet HTML 1Page - Vicor Corporation IB054E120T32N100 Datasheet HTML 2Page - Vicor Corporation IB054E120T32N100 Datasheet HTML 3Page - Vicor Corporation IB054E120T32N100 Datasheet HTML 4Page - Vicor Corporation IB054E120T32N100 Datasheet HTML 5Page - Vicor Corporation IB054E120T32N100 Datasheet HTML 6Page - Vicor Corporation IB054E120T32N100 Datasheet HTML 7Page - Vicor Corporation IB054E120T32N100 Datasheet HTML 8Page - Vicor Corporation IB054E120T32N100 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
IB0xxE120T32xx-xx
IBC Module
4:1 Intermediate Bus Converter Module: Up to 300 W Output
IBC MODULE
Rev 1.0
vicorpower.com
Page 1 of 16
03/2015
800 927.9474
C
US
®
S
NRTL
CUS
Product Overview
The Intermediate Bus Converter (IBC) Module is a very efficient, low profile, isolated, fixed
ratio converter for power system applications in enterprise and optical access networks.
Rated at up to 300 W from 38 to 55 Vin, the IBC conforms to an industry standard
eighth brick footprint while supplying the power of a quarter brick. Its leading
efficiency enables full load operation at 65°C with only 200 LFM airflow. Its small cross
section facilitates unimpeded airflow — above and below its thin body — to minimize
the temperature rise of downstream components.
Input: 36 – 60 Vdc
(38 – 55 Vdc for IB048x)
Output: 12.0 Vdc at 48 Vin
Output current up to 32 A
Output power: up to 300 W [A]
2,250 Vdc isolation
(1,500 Vdc isolation for IB048x)
97.9% peak efficiency
Low profile: 0.38” height above board
Industry standard 1/8 Brick pinout
Sine Amplitude Converter
Low noise 1 MHz ZVS/ZCS
Features
[A]
For higher power applications see 500 W module IB0xxE120T40xx-xx.
Applications
Enterprise networks
Optical access networks
Storage networks
Automated test equipment
Size:
2.30 x 0.9 x 0.38 in
58,4 x 22,9 x 9,5 mm
PART NUMBER DESIGNATION
Function
Input
Voltage
Package
Output Voltage
(Nom.) x 10
Temperature Grade
Output
Current
Enable
Logic
Pin
Length
Options
I
B
0
x
x
E
1
2
0
T
3
2
x
x
x
x
048 = 38 - 55 Vdc
050 = 36 - 60 Vdc
054 = 36 - 60 Vdc*
*w/operating transient to 75 Vdc
00 = Open frame
-
IB = Intermediate
Bus Converter
E = Eighth Brick
Format
120 = (VOUT nominal @ VIN = 48 Vdc) X 10
(4:1 transfer ratio)
T = -40°C ≤ TOPERATING ≤ +100°C
-40°C ≤ TSTORAGE ≤ +125°C
N = Negative
P = Positive
32 = Max Rated Output Current
1 = 0.145 in
2 = 0.210 in
3 = 0.180 in


Similar Part No. - IB054E120T32N100

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054E120T32N1-00 VICOR-IB054E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054E120T32N1-00 VICOR-IB054E120T32N1-00 Datasheet
996Kb / 17P
   4:1 Intermediate Bus Converter Module: Up to 300W Output
More results

Similar Description - IB054E120T32N100

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB048E120T32N1-00 VICOR-IB048E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054E120T32N1-00 VICOR-IB054E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E120T32N1-00 VICOR-IB050E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E096T40N1-00 VICOR-IB050E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00_14 Datasheet
1Mb / 16P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00_14 Datasheet
3Mb / 16P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB050E120T40N1-00 VICOR-IB050E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048Q120T53N1-00 VICOR-IB048Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com