Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB054E096T40N200 Datasheet(PDF) 11 Page - Vicor Corporation

Part # IB054E096T40N200
Description  5:1 Intermediate Bus Converter Module: Up to 300 W Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB054E096T40N200 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button IB054E096T40N200 Datasheet HTML 7Page - Vicor Corporation IB054E096T40N200 Datasheet HTML 8Page - Vicor Corporation IB054E096T40N200 Datasheet HTML 9Page - Vicor Corporation IB054E096T40N200 Datasheet HTML 10Page - Vicor Corporation IB054E096T40N200 Datasheet HTML 11Page - Vicor Corporation IB054E096T40N200 Datasheet HTML 12Page - Vicor Corporation IB054E096T40N200 Datasheet HTML 13Page - Vicor Corporation IB054E096T40N200 Datasheet HTML 14Page - Vicor Corporation IB054E096T40N200 Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IBC MODULE
Rev 1.1
vicorpower.com
Page 11 of 16
03/2014
800 927.9474
IB0xxE096T40xx-xx
Figure 25 — Thermal plot, 200 LFM, 25°C, 48 Vin, 300 W output power
Figure 26 — Thermal plot, 200 LFM, 25°C, 48 Vin, 300 W output power
Figure 27 — Thermal plot, 400 LFM, 25°C, 48 Vin, 300 W output power
Figure 28 — Thermal plot, 400 LFM, 25°C, 48 Vin, 300 W output power
Figure 29 — Thermal plot, 600 LFM, 25°C, 48 Vin, 300 W output power
Figure 30 — Thermal plot, 600 LFM, 25°C, 48 Vin, 300 W output power
SPECIFICATIONS (CONT.)
THERMAL DATA


Similar Part No. - IB054E096T40N200

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054E096T40N2-00 VICOR-IB054E096T40N2-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
More results

Similar Description - IB054E096T40N200

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E096T40N1-00 VICOR-IB050E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E120T32N1-00 VICOR-IB048E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054E120T32N1-00 VICOR-IB054E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E120T32N1-00 VICOR-IB050E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E120T32N1-00 VICOR-IB048E120T32N1-00_14 Datasheet
2Mb / 16P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054Q096T64N1-00 VICOR-IB054Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB050Q096T70N1-00 VICOR-IB050Q096T70N1-00 Datasheet
2Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB048E096T48N1-00 VICOR-IB048E096T48N1-00 Datasheet
992Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com