Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFM20-3.3 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # LFM20-3.3
Description  20W Ultraminiature Open Frame Switching Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LFM20-3.3 Datasheet(HTML) 2 Page - Astrodyne Corporation

  LFM20-3.3 Datasheet HTML 1Page - Astrodyne Corporation LFM20-3.3 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20W Ultraminiature Open Frame Switching Power Supplies
LFM20 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264 VAC
Frequency Range
47-63 Hz
Inrush Current, typ:
20A@100V, 40A@200V Input *
Leakage Current
3.5mA max.
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation (10%-FL)
+/- 1%
Line Regulation (LL-HL, FL)
+/- 0.5%
Voltage Accuracy
+/- 1%
Temperature Coefficient
+/-0.05%/°C
Ripple/Noise
See Selection Chart (NOTE 1)
Short Circuit Protection
Continuous
Hold Up Time
16 mS, typ @ 115VAC
GENERAL SPECIFICATIONS
Input-Out Isolation
3000VAC
Efficiency
See Selection Chart
Safety
UL60950, EN60950
PHYSICAL SPECIFICATIONS
Size
0.156 Connectors
3.5” x 2.0” x 0.80” (NOTES 2 & 3)
PCB Pins
3.5” x 2.0” x 1.0”
Construction
Open Frame
Weight
0.156 Connectors
3.1 oz (88g)
PCB Pins
3.3 oz (93g)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
0 to +45°C
Cooling
Free Air Convection
Storage Temperature
-20 to +85°C *
MECHANICAL SPECIFICATIONS
NOTES:
1) Add a 0.1uF ceramic capacitor and a 10uF E.L.capacitor to output for Ripple
& Noise (R & N) measuring @ 20MHz BW.
2) Input Connector Mates with Molex Housing 09-50-3031 and Molex 2878
Series Crimp Terminal
3) Output Connector Mates with Molex Housing 09-50-3041 and Molex 2878
Series Crimp Terminal
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
0.15 (3.8)
0.23 (6.05)
0.13 (3.30) (4PL)
0.150 (3.81)
3.2 (81.28)
3.50 (88.90
0.070 (1.78)
0.040 (1.02)
0.24 (6.12)
0.62 (15.75)
0.15 (3.96)
ACN
AC L
+Vout
-Vout
VR


Similar Part No. - LFM20-3.3

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
LFM20-3.3 ASTRODYNE-LFM20-3.3 Datasheet
938Kb / 2P
   20W Ultraminiature Open Frame Switching Power Supplies
LFM20-3.3P ASTRODYNE-LFM20-3.3P Datasheet
938Kb / 2P
   20W Ultraminiature Open Frame Switching Power Supplies
More results

Similar Description - LFM20-3.3

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
OFM20 ASTRODYNE-OFM20 Datasheet
565Kb / 3P
   20W Ultraminiature Open Frame Switching Power Supplies
LFM20 ASTRODYNE-LFM20 Datasheet
938Kb / 2P
   20W Ultraminiature Open Frame Switching Power Supplies
OFM20 ASTRODYNE-OFM20_16 Datasheet
179Kb / 3P
   20W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
   60W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
ASL40 ASTRODYNE-ASL40 Datasheet
726Kb / 4P
   40W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com